Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14921EVKIT Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX14921EVKIT
Description  A high-acuuracy 16-cell battery-management reference design
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14921EVKIT Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX14921EVKIT Datasheet HTML 6Page - Maxim Integrated Products MAX14921EVKIT Datasheet HTML 7Page - Maxim Integrated Products MAX14921EVKIT Datasheet HTML 8Page - Maxim Integrated Products MAX14921EVKIT Datasheet HTML 9Page - Maxim Integrated Products MAX14921EVKIT Datasheet HTML 10Page - Maxim Integrated Products MAX14921EVKIT Datasheet HTML 11Page - Maxim Integrated Products MAX14921EVKIT Datasheet HTML 12Page - Maxim Integrated Products MAX14921EVKIT Datasheet HTML 13Page - Maxim Integrated Products MAX14921EVKIT Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
MaximIntegrated│ 10
MAX14921 Evaluation Kit
Evaluates: MAX14921
www.maximintegrated.com
Auxiliary Input Section
The device also has three general-purpose analog
inputs (T1–T3) whose voltages can also be presented
to the ADC. Unlike the cell voltage inputs, the T_ inputs
are neither level shifted nor sampled. The auxiliary
input section provides a way to see these T inputs in
action. Figure 8 and Table 4 detail the available control
and actions.
Streaming Data to a File
The EV kit can collect cell and T_ input data and stream it
to a file. This is when the repeat time parameter is used.
At the default setting of 10ms, data is logged at 100 data
sets per second.
To stream cell data, push the “Stream to File” control. A
“SaveAs” dialog box opens to select a file to write the
datato.Onceafileisselected,clickthe“Save”button.
Streaming continues until the “Stop Streaming” control is
pushed.Notethatyoucanquicklyendupwithlargefiles.
Stream Data File Format
Thedataisstoredinthestreamingfileastext.Thefirst
line indicates what range of cell data is captured, up to
16 cells, and whether each T_ input is also captured or
not.Eachsubsequentlineorpairoflinesrepresentsone
captured data set.
Actual data starts with the second line. This line records
up to 16 cell voltages, starting with the highest numbered
cell down to the first cell (cell 1). If any of the T_ inputs
areenabled,thenextlineisupto3T_inputvoltages.If
noT_inputisenabled,thethirdlineisinsteadthenext
set of cell voltages, captured one repeat time later.
Forexample,inFigure10,thefirstlineofthefileindicates
that all 16 cell voltages are captured, as well as all three
auxiliaryinputs.Thesecondlineshowsthatcell16read
0.0392V and cell 15 read 0.0160V. The third line shows
that T1 read 1.1506V, T2 read 4.0587V, and T3 read
4.0950V. This occurred at one time instant. The fourth
andfifthlinewouldreportthecellandauxiliaryinputs,like
lines 2 and 3, only one repeat time later. Note that at the
default 100 samples per second (10ms repeat time), the
datafilecanquicklygrowquitelarge.
Table 4. EV Kit Auxiliary Input Section Details (Figure 8)
ITEM
LABEL
READ/WRITE
DESCRIPTION
1
Voltage
Read
These are the voltages read from the corresponding T_ input. Each T_ input must
beenabledforitsvoltagetobeacquiredanddisplayed.
2
Enable
Write
ChecktheboxtoenableordisablethecorrespondingT_input.Whenenabled,
the T_ input voltage is read and converted at the same repetition rate as the cell
voltages.
3
Buffer
Write
ChecktheboxtoenableordisabletheoptionalbufferforeachT_input.When
unchecked, the corresponding T_ input connects directly to the ADC. Use this
setting for high-drive analog sources. When checked, the T_ input is unity-gain
buffered to the ADC. Use this for low-drive analog signals.
4
Settling Delay
Write
This is the delay time, in microseconds, from when the device presents a T_ signal
to when the ADC conversion begins.


Similar Part No. - MAX14921EVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14921ECS++ MAXIM-MAX14921ECS+ Datasheet
805Kb / 30P
   High-Accuracy 12-/16-Cell Measurement AFEs
2014
More results

Similar Description - MAX14921EVKIT

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A4006 AITSEMI-A4006 Datasheet
426Kb / 6P
   BATTERY MANAGEMENT SINGLE CELL LI-ION BATTERY INDICATOR CHIP
REV1.1
logo
Shenzhen Huazhimei Semi...
HM4209 HMSEMI-HM4209 Datasheet
2Mb / 14P
   single-cell lithium battery charge management chip
HM5061 HMSEMI-HM5061 Datasheet
1Mb / 11P
   Single-cell 2.5A switching lithium battery management
logo
Microchip Technology
MCP7383X MICROCHIP-MCP7383X Datasheet
616Kb / 20P
   Li-Ion System Power Path Management Reference Design
01/02/08
logo
AiT Semiconductor Inc.
A4001 AITSEMI-A4001 Datasheet
860Kb / 10P
   BATTERY MANAGEMENT ONE CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
REV2.0
logo
Renesas Technology Corp
RAA489206 RENESAS-RAA489206 Datasheet
1Mb / 136P
   16-Cell Battery Front End
Jul 5, 2022
ISL94216A RENESAS-ISL94216A Datasheet
2Mb / 147P
   16-Cell Battery Front End
Feb 3, 2022
logo
AiT Semiconductor Inc.
A4004 AITSEMI-A4004 Datasheet
868Kb / 11P
   BATTERY MANAGEMENT ONE CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
REV1.1
A4059A AITSEMI-A4059A Datasheet
360Kb / 8P
   BATTERY MANAGEMENT ONE CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
REV1.0
A4002 AITSEMI-A4002 Datasheet
699Kb / 12P
   BATTERY MANAGEMENT ONE CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com