Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74VCX16839 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. 74VCX16839
Description  Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX16839 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74VCX16839 Datasheet HTML 1Page - Fairchild Semiconductor 74VCX16839 Datasheet HTML 2Page - Fairchild Semiconductor 74VCX16839 Datasheet HTML 3Page - Fairchild Semiconductor 74VCX16839 Datasheet HTML 4Page - Fairchild Semiconductor 74VCX16839 Datasheet HTML 5Page - Fairchild Semiconductor 74VCX16839 Datasheet HTML 6Page - Fairchild Semiconductor 74VCX16839 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics (2.3V
≤ V
CC ≤ 2.7V)
Note 6: Outputs disabled or 3-STATE only.
DC Electrical Characteristics (1.65V
≤ V
CC < 2.3V)
Note 7: Outputs disabled or 3-STATE only.
Symbol
Parameter
Conditions
VCC
(V)
Min
Max
Units
VIH
HIGH Level Input Voltage
2.3
− 2.7
1.6
V
VIL
LOW Level Input Voltage
2.3
− 2.7
0.7
V
VOH
HIGH Level Output Voltage
IOH = −100 µA2.3 − 2.7
VCC − 0.2
V
IOH = −6 mA
2.3
2.0
IOH = −12 mA
2.3
1.8
IOH = −18 mA
2.3
1.7
VOL
LOW Level Output Voltage
IOL = 100 µA2.3 − 2.7
0.2
V
IOL = 12 mA
2.3
0.4
IOL = 18 mA
2.3
0.6
II
Input Leakage Current
0V
≤ V
I ≤ 3.6V
2.3
− 2.7
±5.0
µA
IOZ
3-STATE Output Leakage
0V
≤ V
O ≤ 3.6V
2.3
− 2.7
±10
µA
VI = VIH or VIL
IOFF
Power-OFF Leakage Current
0V
≤ (V
I, VO) ≤ 3.6V
0
10
µA
ICC
Quiescent Supply Current
VI = VCC or GND
2.3
− 2.7
20
µA
VCC ≤ (VI, VO) ≤ 3.6V (Note 6)
±20
Symbol
Parameter
Conditions
VCC
(V)
Min
Max
Units
VIH
HIGH Level Input Voltage
1.65 - 2.3
0.65
× V
CC
V
VIL
LOW Level Input Voltage
1.65 - 2.3
0.35
× V
CC
V
VOH
HIGH Level Output Voltage
IOH = −100 µA1.65 - 2.3
VCC − 0.2
V
IOH = −6 mA
1.65
1.4
VOL
LOW Level Output Voltage
IOL = 100 µA
1.65 - 2.3
0.2
V
IOL = 6 mA
1.65
0.3
II
Input Leakage Current
0V
≤ V
I ≤ 3.6V
1.65 - 2.3
±5.0
µA
IOZ
3-STATE Output Leakage
0V
≤ V
O ≤ 3.6V
1.65 - 2.3
±10
µA
VI = VIH or VIL
IOFF
Power-OFF Leakage Current
0V
≤ (V
I, VO) ≤ 3.6V
0
10
µA
ICC
Quiescent Supply Current
VI = VCC or GND
1.65 - 2.3
20
µA
VCC ≤ (VI, VO) ≤ 3.6V (Note 7)
±20


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
74LCXZ16244 Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LCX373 Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs 1  2  3  4  5  More Fairchild Semiconductor
TC7MA157FK Low Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs 1  2  3  4  5  More Toshiba Semiconductor
FXL2TD245 Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent 1  2  3  4  5  More Fairchild Semiconductor
74LVXU04 LOW VOLTAGE CMOS HEX INVERTER SINGLE STAGE WITH 5V TOLERANT INPUTS 1  2  3  4  5  More STMicroelectronics
74AVC16836A 20-bit registered driver with inverted register enable and Dynamic Controlled Outputs 3-State 1  2  3  4  5  More NXP Semiconductors
SN74SSTV16859 13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS 1  2  3  4  5  More Texas Instruments
SN74AVCA164245 16 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS 1  2  3  4  5  More Texas Instruments
ADA4411-3 Integrated Triple Video Filter and Buffer with Selectable Cutoff Frequencies and Multiplexed Inputs for RGB HD/SD 1  2  3  4  5  More Analog Devices
SN74SSTU32864C 25-BIT CONFIGURABLE REGISTERED BUFFER WITH SSTL 18 INPUTS AND OUTPUTS 1  2  3  4  5  More Texas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn