Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AZV831 Datasheet(PDF) 19 Page - BCD Semiconductor Manufacturing Limited

Part No. AZV831
Description  Single/Dual Low Bias Current, Low Voltage, Rail-to-Rail Input/Output
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Homepage  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZV831 Datasheet(HTML) 19 Page - BCD Semiconductor Manufacturing Limited

Back Button AZV831_12 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 17Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 18Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 19Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 20Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 21Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 22Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 23Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
Preliminary Datasheet
Single/Dual Low Bias Current, Low Voltage, Rail-to-Rail
Input/Output CMOS Operational Amplifiers
Jul. 2012 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
19
AZV831/2
Typical Performance Characteristics (Continued)
VIN
VIN
50mV/div
50mV/div
VOUT
VOUT
50mV/div
50mV/div
Time (2
µs/div)
Time (2
µs/div)
Figure 40. Small Signal Pulse Response
Figure 41. Small Signal Pulse Response
VIN
VIN
500mV/div
500mV/div
VOUT
VOUT
500mV/div
500mV/div
Time (10
µs/div)
Time (10
µs/div)
Figure 42. Large Signal Pulse Response
Figure 43. Large Signal Pulse Response
CL=100pF, RL=100kΩ, AV=1
CL=100pF, RL=100kΩ, AV=1
CL=200pF, RL=100kΩ, AV=1
CL=200pF, RL=100kΩ, AV=1
VCC=3.0V
VEE=0V
VCC=5.0V
VEE=0V
VCC=1.6V
VEE=0V
VCC=1.8V
VEE=0V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn