Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AZV831 Datasheet(PDF) 17 Page - BCD Semiconductor Manufacturing Limited

Part No. AZV831
Description  Single/Dual Low Bias Current, Low Voltage, Rail-to-Rail Input/Output
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZV831 Datasheet(HTML) 17 Page - BCD Semiconductor Manufacturing Limited

Back Button AZV831_12 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 17Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 18Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 19Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 20Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 21Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
Preliminary Datasheet
Single/Dual Low Bias Current, Low Voltage, Rail-to-Rail
Input/Output CMOS Operational Amplifiers
Jul. 2012 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
17
AZV831/2
Typical Performance Characteristics (Continued)
Figure 32. Gain and Phase vs. Frequency
Figure 33. Gain and Phase vs. Frequency
with Capacitive Load
with Capacitive Load
Figure 34. Output Impedance vs. Frequency
Figure 35. THD+N vs. Output Voltage
10k
100k
1M
-20
-10
0
10
20
30
40
50
60
70
10
20
30
40
50
60
70
80
90
100
V
CC=2.5V, VEE=-2.5V
R
L=100k
Frequency (Hz)
C
L=100pF
C
L=200pF
C
L=300pF
10k
100k
1M
-20
-10
0
10
20
30
40
50
60
70
10
20
30
40
50
60
70
80
90
100
V
CC=2.5V, VEE=-2.5V
R
L=10k
Frequency (Hz)
C
L=100pF
C
L=200pF
C
L=300pF
100
1k
10k
100k
1
10
100
1000
V
CC=1.6V to 5V
V
EE=0V
A
V=1
A
V=10
A
V=100
Frequency (Hz)
0.01
0.1
1
1E-3
0.01
0.1
1
10
A
V=1, RL=10k, CL=100pF
Output Voltage (V)
V
CC=0.8V,VEE=-0.8V
V
CC=0.9V,VEE=-0.9V
V
CC=1.5V,VEE=-1.5V
V
CC=2.5V,VEE=-2.5V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn