Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AZV831 Datasheet(PDF) 15 Page - BCD Semiconductor Manufacturing Limited

Part No. AZV831
Description  Single/Dual Low Bias Current, Low Voltage, Rail-to-Rail Input/Output
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Homepage  http://www.bcdsemi.com
Logo 

AZV831 Datasheet(HTML) 15 Page - BCD Semiconductor Manufacturing Limited

Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
Preliminary Datasheet
Single/Dual Low Bias Current, Low Voltage, Rail-to-Rail
Input/Output CMOS Operational Amplifiers
Jul. 2012 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
15
AZV831/2
Typical Performance Characteristics (Continued)
Figure 24. Gain and Phase vs. Frequency
Figure 25. Gain and Phase vs. Frequency
with Capacitive Load
with Resistive Load
Figure 26. Gain and Phase vs. Frequency
Figure 27. Gain and Phase vs. Frequency
with Capacitive Load
with Capacitive Load
10k
100k
1M
-20
-10
0
10
20
30
40
50
60
70
10
20
30
40
50
60
70
80
90
100
V
CC=0.8V, VEE=-0.8V
R
L=10k
Frequency (Hz)
C
L=100pF
C
L=200pF
C
L=300pF
10k
100k
1M
-20
-10
0
10
20
30
40
50
60
70
10
20
30
40
50
60
70
80
90
100
V
CC=0.9V, VEE=-0.9V
Frequency (Hz)
R
L=100k
R
L=10k
R
L=1k
R
L=8
10k
100k
1M
-20
-10
0
10
20
30
40
50
60
70
10
20
30
40
50
60
70
80
90
100
V
CC=0.9V, VEE=-0.9V
R
L=100k
Frequency (Hz)
C
L=100pF
C
L=200pF
C
L=300pF
10k
100k
1M
-20
-10
0
10
20
30
40
50
60
70
10
20
30
40
50
60
70
80
90
100
V
CC=0.9V, VEE=-0.9V
R
L=10k
Frequency (Hz)
C
L=100pF
C
L=200pF
C
L=300pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn