Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AZV831 Datasheet(PDF) 14 Page - BCD Semiconductor Manufacturing Limited

Part No. AZV831
Description  Single/Dual Low Bias Current, Low Voltage, Rail-to-Rail Input/Output
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Homepage  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZV831 Datasheet(HTML) 14 Page - BCD Semiconductor Manufacturing Limited

Back Button AZV831_12 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 17Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 18Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Preliminary Datasheet
Single/Dual Low Bias Current, Low Voltage, Rail-to-Rail
Input/Output CMOS Operational Amplifiers
Jul. 2012 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
14
AZV831/2
Typical Performance Characteristics (Continued)
Figure 20. Output Voltage Swing vs. Temperature
Figure 21. Output Voltage Swing vs. Temperature
Figure 22. Gain and Phase vs. Frequency
Figure 23. Gain and Phase vs. Frequency
with Resistive Load
with Capacitive Load
-40
-20
0
20
406080
100
12
16
20
24
28
32
36
40
44
48
Negative Swing
R
L=1k
Temperature (
oC)
V
CC=0.8V,VEE=-0.8V
V
CC=2.5V,VEE=-2.5V
V
CC=0.8V,VEE=-0.8V
V
CC=2.5V,VEE=-2.5V
Positive Swing
-40
-20
0
20
40
60
80
100
0
1
2
3
4
5
6
7
8
9
10
Positive Swing
R
L=10k
V
CC=0.9V,VEE=-0.9V
V
CC=1.5V,VEE=-1.5V
V
CC=0.9V,VEE=-0.9V
V
CC=1.5V,VEE=-1.5V
Temperature (
oC)
Negative Swing
10k
100k
1M
-20
-10
0
10
20
30
40
50
60
70
10
20
30
40
50
60
70
80
90
100
V
CC=0.8V, VEE=-0.8V
Frequency (Hz)
R
L=100k
R
L=10k
R
L=1k
R
L=8
10k
100k
1M
-20
-10
0
10
20
30
40
50
60
70
10
20
30
40
50
60
70
80
90
100
V
CC=0.8V, VEE=-0.8V
R
L=100k
Frequency (Hz)
C
L=100pF
C
L=200pF
C
L=300pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn