Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AZV831 Datasheet(PDF) 12 Page - BCD Semiconductor Manufacturing Limited

Part No. AZV831
Description  Single/Dual Low Bias Current, Low Voltage, Rail-to-Rail Input/Output
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZV831 Datasheet(HTML) 12 Page - BCD Semiconductor Manufacturing Limited

Back Button AZV831_12 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Preliminary Datasheet
Single/Dual Low Bias Current, Low Voltage, Rail-to-Rail
Input/Output CMOS Operational Amplifiers
Jul. 2012 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
12
AZV831/2
Typical Performance Characteristics (Continued)
Figure 12. Output Voltage vs. Output Current
Figure 13. Output Voltage vs. Output Current
Figure 14. Output Short Circuit Current vs. Temperature Figure 15. Output Short Circuit Current vs. Temperature
0.01
0.1
1
10
1
10
100
1000
V
CC=3.0V, VEE=0V
Output Current (mA)
Sink Current
Source Current
0.01
0.1
1
10
100
1
10
100
1000
10000
V
CC=5.0V, VEE=0V
Output Current (mA)
Sink Current
Source Current
-40
-20
0
20
406080
100
0
20
40
60
80
100
120
140
160
V
EE=0V
V
OUT short to VCC
Temperature (
oC)
V
CC=1.6V
V
CC=1.8V
V
CC=3.0V
V
CC=5.0V
-40
-20
0
20
406080
100
0
20
40
60
80
100
120
140
160
180
200
V
EE=0V
V
OUT short to VEE
Temperature (
oC)
V
CC=1.6V
V
CC=1.8V
V
CC=3.0V
V
CC=5.0V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn