Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AZV831 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part No. AZV831
Description  Single/Dual Low Bias Current, Low Voltage, Rail-to-Rail Input/Output
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Homepage  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZV831 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AZV831_12 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Preliminary Datasheet
Single/Dual Low Bias Current, Low Voltage, Rail-to-Rail
Input/Output CMOS Operational Amplifiers
Jul. 2012 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
6
AZV831/2
1.6V DC Electrical Characteristics
VCC=1.6V, VEE=0, VOUT=VCC/2, VCM=VCC/2, TA=25°C, unless otherwise noted.
Parameter
Symbol
Conditions
Min Typ Max Unit
Input Offset Voltage
VOS
0.5
2.5
mV
Input Bias Current
IB
1.0
pA
Input Offset Current
IOS
1.0
pA
Input Common-mode Voltage Range
VCM
-0.2
1.8
V
Common-mode Rejection Ratio
CMRR
VCM=-0.2V to 1.8V
55
75
dB
Large Signal Voltage Gain
GV
RL=10kΩ to VCC/2,
VOUT=0.2V to 1.4V
90
110
dB
Input Offset Voltage Drift
∆VOS/∆T
2.0
µV/
°C
Output Voltage Swing from Rail
VOL/VOH
RL=1kΩ to VCC/2
30
50
mV
RL=10kΩ to VCC/2
3
15
Output Current
Sink
ISINK
VOUT=VCC
8
10
mA
Source
ISOURCE VOUT=0V
5
8.5
Closed-loop Output Impedance
ZOUT
f=10kHz, AV=1
9
Power Supply Rejection Ratio
PSRR
VCC=1.6V to 5.0V
66
80
dB
Supply Current (Per Amplifier)
ICC
VOUT=VCC/2, IOUT=0
70
90
µA
1.6V AC Electrical Characteristics
VCC=1.6V, VEE=0, VOUT=VCC/2, VCM=VCC/2, TA=25°C, unless otherwise noted.
Parameter
Symbol
Conditions
Min Typ Max
Unit
Gain Bandwidth Product
GBP
RL=100kΩ
1.0
MHz
Slew Rate (Note 2)
SR
1V Step,
CL=100pF, RL=10kΩ
0.32
V/µs
Phase Margin
φM
RL=100kΩ
67
Degrees
Total Harmonic Distortion+Noise
THD+N
f=1kHz, AV=1, VIN=1Vpp
RL=10kΩ, CL=100pF
-70
dB
Voltage Noise Density
en
f=1kHz
27
Hz
nV/
Note 2: Number specified is the positive slew rate.
.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn