Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AZV831 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part No. AZV831
Description  Single/Dual Low Bias Current, Low Voltage, Rail-to-Rail Input/Output
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Homepage  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZV831 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AZV831_12 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Preliminary Datasheet
Single/Dual Low Bias Current, Low Voltage, Rail-to-Rail
Input/Output CMOS Operational Amplifiers
Jul. 2012 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
5
AZV831/2
Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Value
Unit
Power Supply Voltage
VCC
6.0
V
Differential Input Voltage
VID
6.0
V
Input Voltage
VIN
-0.3 to VCC+0.5
V
Operating Junction Temperature
TJ
150
ºC
Thermal Resistance
(Junction to Ambient)
θJA
SC-70-5
270
ºC /W
SOT-23-5
220
SOIC-8
150
MSOP-8
200
Storage Temperature Range
TSTG
-65 to 150
ºC
Lead Temperature (Soldering,10 Seconds)
TLEAD
260
ºC
ESD (Human Body Model)
4000
V
ESD (Machine Model)
300
V
Note 1: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under “Recommended Operating Conditions” is not implied. Exposure to “Absolute
Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
1.6
5.5
V
Operation Ambient Temperature
Range
TA
-40
85
ºC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn