Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VCX16601 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # 74VCX16601
Description  Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX16601 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button 74VCX16601 Datasheet HTML 2Page - Fairchild Semiconductor 74VCX16601 Datasheet HTML 3Page - Fairchild Semiconductor 74VCX16601 Datasheet HTML 4Page - Fairchild Semiconductor 74VCX16601 Datasheet HTML 5Page - Fairchild Semiconductor 74VCX16601 Datasheet HTML 6Page - Fairchild Semiconductor 74VCX16601 Datasheet HTML 7Page - Fairchild Semiconductor 74VCX16601 Datasheet HTML 8Page - Fairchild Semiconductor 74VCX16601 Datasheet HTML 9Page - Fairchild Semiconductor 74VCX16601 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.fairchildsemi.com
6
AC Electrical Characteristics (Note 11)
Note 11: For CL = 50pF, add approximately 300ps to the AC maximum specification.
Note 12: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device.
The specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Symbol
Parameter
Conditions
VCC
TA = −40°C to + 85°C
Units
Figure
(V)
Min
Max
Number
fMAX
Maximum Clock Frequency
CL = 30 pF
3.3
± 0.3
250
MHz
2.5
± 0.2
200
1.8
± 0.15
100
CL = 15 pF
1.5
± 0.1
80.0
tPHL
Propagation Delay
CL = 30 pF, RL = 500Ω
3.3
± 0.3
0.8
2.9
ns
Figures 1,
2
tPLH
Bus-to-Bus
2.5
± 0.2
1.0
3.5
1.8
± 0.15
1.5
7.0
CL = 15 pF, RL = 2kΩ
1.5
± 0.1
1.0
14.0
Figures 7,
8
tPHL
Propagation Delay
CL = 30 pF, RL = 500Ω
3.3
± 0.3
0.8
3.5
ns
Figures 1,
2
tPLH
Clock-to-Bus
2.5
± 0.2
1.0
4.4
1.8
± 0.15
1.5
8.8
CL = 15 pF, RL = 500Ω
1.5
± 0.1
1.0
17.6
Figures 7,
8
tPHL
Propagation Delay
CL = 30 pF, RL = 500Ω
3.3
± 0.3
0.8
3.5
ns
Figures 1,
2
tPLH
LE-to-Bus
2.5
± 0.2
1.0
4.4
1.8
± 0.15
1.5
8.8
CL = 15 pF, RL = 500Ω
1.5
± 0.1
1.0
17.6
Figures 7,
8
tPZL
Output Enable Time
CL = 30 pF, RL = 500Ω
3.3
± 0.3
0.8
3.8
ns
Figures 1,
3, 4
tPZH
2.5
± 0.2
1.0
4.9
1.8
± 0.15
1.5
9.8
CL = 15 pF, RL = 2kΩ
1.5
± 0.1
1.0
19.6
Figures 7,
9, 10
tPLZ
Output Disable Time
CL = 30 pF, RL = 500Ω
3.3
± 0.3
0.8
3.7
ns
Figures 1,
3, 4
tPHZ
2.5
± 0.2
1.0
4.2
1.8
± 0.15
1.5
7.6
CL = 15 pF, RL = 2kΩ
1.5
± 0.1
1.0
15.2
Figures 7,
9, 10
tS
Setup Time
CL = 30 pF, RL = 500Ω
3.3
± 0.3
1.5
ns
Figure 6
2.5
± 0.2
1.5
1.8
± 0.15
2.5
CL = 15 pF, RL = 500Ω
1.5
± 0.1
3.0
tH
Hold Time
CL = 30 pF, RL = 500Ω
3.3
± 0.3
1.0
ns
Figure 6
2.5
± 0.2
1.0
1.8
± 0.15
1.0
CL = 15 pF, RL = 500Ω
1.5
± 0.1
2.0
tW
Pulse Width
CL = 30 pF, RL = 500Ω
3.3
± 0.3
1.5
ns
Figure 5
2.5
± 0.2
1.5
1.8
± 0.15
4.0
CL = 15 pF, RL = 500Ω
1.5
± 0.1
4.0
tOSHL
Output to Output Skew
CL = 30 pF, RL = 500Ω
3.3
± 0.3
0.5
ns
tOSLH
(Note 12)
2.5
± 0.2
0.5
1.8
± 0.15
0.75
CL = 15 pF, RL = 2kΩ
1.5
± 0.1
1.5


Similar Part No. - 74VCX16601

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX162240 FAIRCHILD-74VCX162240 Datasheet
53Kb / 7P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in Outputs
74VCX162240 FAIRCHILD-74VCX162240 Datasheet
161Kb / 8P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in Outputs
74VCX162240MTD FAIRCHILD-74VCX162240MTD Datasheet
53Kb / 7P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in Outputs
74VCX162240MTD FAIRCHILD-74VCX162240MTD Datasheet
161Kb / 8P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in Outputs
74VCX162240 FAIRCHILD-74VCX162240_05 Datasheet
161Kb / 8P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in Outputs
More results

Similar Description - 74VCX16601

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX16500 FAIRCHILD-74VCX16500_04 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74ALVC16500 FAIRCHILD-74ALVC16500 Datasheet
85Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16501 FAIRCHILD-74VCX16501_04 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74ALVC16601 FAIRCHILD-74ALVC16601 Datasheet
100Kb / 8P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16500 FAIRCHILD-74VCX16500 Datasheet
61Kb / 8P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16501 FAIRCHILD-74VCX16501 Datasheet
60Kb / 8P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74ALVC16501 FAIRCHILD-74ALVC16501 Datasheet
84Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX32500 FAIRCHILD-74VCX32500 Datasheet
148Kb / 9P
   Low Voltage 36-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCXR162500FT TOSHIBA-TC74VCXR162500FT Datasheet
423Kb / 11P
   LOW VOLTAGE 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74ALVC16835 FAIRCHILD-74ALVC16835 Datasheet
88Kb / 7P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com