Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH9481Z5-G1 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AH9481Z5-G1
Description  Single Phase Low Noise Smart Motor Driver Full Bridge Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AH9481Z5-G1 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AH9481Z5-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AH9481Z5-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AH9481Z5-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AH9481Z5-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AH9481Z5-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AH9481Z5-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AH9481Z5-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AH9481Z5-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AH9481Z5-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Data Sheet
Single Phase Low Noise Smart Motor Driver
AH9479/80/81
Mar. 2012 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
1
General Description
The AH9479/80/81 is a single chip solution for
driving single coil brushless DC motors. It combines
a motor driver with a high sensitivity Hall sensor,
which simplifies the PCB design and makes the
fabrication of small-size motors possible.
The AH9480 has an open-drain tachometer output FG
that follows the Hall sensor latching output. The
AH9481 has an open-drain rotation detection output
RD that is active low when the motor is spinning and
goes high when blocked.
When there is no motion about 0.4 second, the IC
will automatically detect the locked rotor conditions,
and enter protection mode, shutting off the motor
driver for 4 seconds. Then, the IC will turn on the
motor driver for 0.4 second to detect whether there is
rotation condition, if fails, the IC will shut off motor
driver for four seconds again. This sequence will be
repeated until rotation condition is detected, and the
IC enters normal operation. This feature can
effectively prevent the IC from overheating and
damage due to long-time locked rotor condition.
“Soft-switch” is used to reduce the vibration and
acoustic noise. Thermal-shutdown protection ensures
that the motor driver operates under specified
temperature ranges.
The AH9479 is packaged in TO-94, and the
AH9480/81 is packaged in TO-95 and MSOP-8.
Features
Full Bridge Driver
High Sensitivity Integrated Hall Sensor
Soft-switching for Low Noise
Low Supply Voltage: 2.5V
Locked Rotor Protection and Auto-restart
Thermal Protection
Output Over-current Protection
Short Circuit Protection
Tachometer Output Signal (AH9480)
Alarm Output Signal (AH9481)
Applications
5V/12V Low Noise BLDC Cooling Fans
Low Voltage / Low Power BLDC Motors
Notebook DC Fans / Blowers
Automotive Low Noise Climate Control Fans
Micro-motors
TO-94
TO-95
MSOP-8
Figure 1. Package Types of AH9479/80/81


Similar Part No. - AH9481Z5-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH9485 DIODES-AH9485 Datasheet
624Kb / 12P
   SINGLE PHASE LOW NOISE SMART MOTOR DRIVER
September 2015
AH9485-WUF-7 DIODES-AH9485-WUF-7 Datasheet
624Kb / 12P
   SINGLE PHASE LOW NOISE SMART MOTOR DRIVER
September 2015
AH9486 DIODES-AH9486 Datasheet
624Kb / 12P
   SINGLE PHASE LOW NOISE SMART MOTOR DRIVER
September 2015
AH9486-WUF-7 DIODES-AH9486-WUF-7 Datasheet
624Kb / 12P
   SINGLE PHASE LOW NOISE SMART MOTOR DRIVER
September 2015
More results

Similar Description - AH9481Z5-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH9485 DIODES-AH9485 Datasheet
624Kb / 12P
   SINGLE PHASE LOW NOISE SMART MOTOR DRIVER
September 2015
AM9469 DIODES-AM9469 Datasheet
977Kb / 16P
   LOW NOISE SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
April 2018
logo
Sanyo Semicon Device
LV8063TT SANYO-LV8063TT Datasheet
112Kb / 8P
   Fan Motor Driver Single-Phase Full-Wave Driver
LV8860V SANYO-LV8860V Datasheet
260Kb / 11P
   Fan Motor Driver Single-Phase Full-Wave Driver
LV8162TT SANYO-LV8162TT Datasheet
227Kb / 7P
   Fan Motor Driver Single-Phase Full-Wave Driver
logo
Rohm
BA6427F ROHM-BA6427F Datasheet
77Kb / 5P
   Single-phase full-wave motor driver
logo
Shaoxing Devechip Micro...
SDC11557 SDC-SDC11557 Datasheet
310Kb / 8P
   Single-Phase Full-Wave Motor Driver
SDC11168 SDC-SDC11168 Datasheet
418Kb / 10P
   Single-phase Full-wave Motor Driver
SDC11558 SDC-SDC11558 Datasheet
336Kb / 10P
   Single-Phase Full-Wave Motor Driver
SDC11169 SDC-SDC11169 Datasheet
372Kb / 11P
   Single-phase Full-wave Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com