Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXF-21D8BT Datasheet(PDF) 1 Page - ILSI America LLC

Part # IXF-21D8BT
Description  Crystal Filter 3 Lead Metal Package
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

IXF-21D8BT Datasheet(HTML) 1 Page - ILSI America LLC

  IXF-21D8BT Datasheet HTML 1Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Crystal Filter
IXF Series
3 Lead Metal Package
ILSI America Phone: 775-851-8880 • Fax: 775-851-8882• e-mail: e-mail@ilsiamerica.com • www.ilsiamerica.com
12/06
Specifications subject to change without notice
C1
Frequency Range (MHz)
10 MHz to 120 MHz
3 dB Bandwidth
±2 KHz to ±20 KHz, See Table
Insertion loss
1.5 dB to 6 dB, depends on frequency and number of poles
Ultimate Rejection
-35 dB to -80 dB, depends on frequency and number of poles
Crystal Cut
AT Cut
Aging
±5 ppm Max. / Year Standard
Temperature
Operating
-20
° C to +70° C Standard
Storage
-40
° C to +85° C Standard
Environmental
See Appendix B for information
Package Information
MSL = N.A., Termination, UM1 = e4
Termination, HC49U = e1
Surface mount and filter module packages are also available, contact ILSI America.
* - 2 poles per package, 4 / 6 / 8 poles are matched sets..
** - Contact ILSI America for additional options.
*** - Available at 30 MHz and above.
Part Number Guide
Sample Part Number:
IXF - 10A15AA
Filter
Frequency **
Package
Bandwidth
Polls
Mode
Impedance
IXF -
10 = 10.7 MHz
A = HC49U
2 =
±2 KHz
A = 2 Pole
F = Fundamental
**
21 = 21.4 MHz
B = UM1
3 =
±3 KHz
B = 4 Pole *
T = 3
rd Overtone ***
45 = 45.0 MHz
C = UM4
4 =
±3.75 KHz
C = 6 Pole *
55 = 55.025 MHz
D = UM5
6 =
±6 KHz
D = 8 Pole *
56 = 55.845 MHz
7 =
±7.5 KHz
58 = 58.1125 MHz
8 =
±8.5 KHz
70 = 70.000 MHz
15 =
±15 KHz
90 = 90.000 MHz
20 =
±20 KHz


Similar Part No. - IXF-21D8BT

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFA102N15T IXYS-IXFA102N15T Datasheet
224Kb / 6P
   Trench Gate Power MOSFET HiperFET
logo
Inchange Semiconductor ...
IXFA102N15T ISC-IXFA102N15T Datasheet
298Kb / 2P
   isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXFA10N60P IXYS-IXFA10N60P Datasheet
153Kb / 4P
   Polar HiPerFET Power MOSFET
IXFA10N60P IXYS-IXFA10N60P Datasheet
252Kb / 5P
   Power MOSFET
logo
Inchange Semiconductor ...
IXFA10N60P ISC-IXFA10N60P Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IXF-21D8BT

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
39-BB0F18-20.000 ILSI-39-BB0F18-20.000 Datasheet
49Kb / 2P
   2 Lead Metal Package Quartz Crystal, 3 mm x 10 mm
HC49U ILSI-HC49U Datasheet
49Kb / 2P
   2 Lead Metal Package Quartz Crystal, 4.7 mm x 11 mm
HC49US ILSI-HC49US Datasheet
49Kb / 2P
   2 Lead Metal Package Quartz Crystal, 4.7 mm x 11 mm
logo
Suntsu Electronics, Inc...
SXTHU2 SUNTSU-SXTHU2 Datasheet
185Kb / 2P
   Metal Can DIP 2 Lead Crystal
SXTHS2 SUNTSU-SXTHS2 Datasheet
187Kb / 2P
   Metal Can DIP 2 Lead Crystal
SXTUM2 SUNTSU-SXTUM2 Datasheet
165Kb / 2P
   Metal Can DIP 2 Lead Crystal
logo
National Semiconductor ...
H03H NSC-H03H Datasheet
59Kb / 1P
   3 Lead (0.100횞 Diameter P.C.) TO-46 Metal Can Package
logo
QUARTZCOM the communica...
SMX-QS1 QUARTZCOM-SMX-QS1 Datasheet
102Kb / 1P
   SMD Watch Crystal Low profile metal package
SMX-QS2 QUARTZCOM-SMX-QS2 Datasheet
102Kb / 1P
   SMD Watch Crystal Low profile metal package
logo
ILSI America LLC
38-BX0F12.5-32.768 ILSI-38-BX0F12.5-32.768 Datasheet
51Kb / 2P
   2 Lead Metal Package Crystal, 3 mm x 8 mm, 2 mm x 6 mm, 1 mm x 5 mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com