Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74VCX16500 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. 74VCX16500
Description  Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

74VCX16500 Datasheet(HTML) 2 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.fairchildsemi.com
2
Connection Diagram
Pin Descriptions
Function Table (Note 2)
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial (HIGH or LOW, inputs may not float)
Z
= High Impedance
Note 2: A-to-B data flow is shown; B-to-A flow is similar but uses OEBA,
LEBA and CLKBA. OEBA is active LOW.
Note 3: Output level before the indicated steady-state input conditions
were established.
Note 4: Output level before the indicated steady-state input conditions
were established, provided that CLKAB was LOW before LEAB went LOW.
Pin Names
Description
OEAB
Output Enable Input for A to B Direction
(Active HIGH)
OEBA
Output Enable Input for B to A Direction
(Active LOW)
LEAB, LEBA
Latch Enable Inputs
CLKAB,
CLKBA
Clock Inputs
A1–A18
Side A Inputs or 3-STATE Outputs
B1–B18
Side B Inputs or 3-STATE Outputs
Inputs
Outputs
OEAB
LEAB
CLKAB
An
Bn
L
XXX
Z
HH
X
L
L
HH
X
H
H
HL
LL
HL
HH
HL
H
X
B0 (Note 3)
HL
L
X
B0 (Note 4)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74VCX162601Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the B-Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC162601Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the B-Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX16501Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX16601Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC16500Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC16501Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC16601Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCXR162601Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVCR162601Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
TC74VCXR162600FTLOW VOLTAGE 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreToshiba Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn