Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74VCX16500 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. 74VCX16500
Description  Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

74VCX16500 Datasheet(HTML) 1 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
March 1998
Revised April 1999
© 1999 Fairchild Semiconductor Corporation
DS500089.prf
www.fairchildsemi.com
74VCX16500
Low Voltage 18-Bit Universal Bus Transceivers with
3.6V Tolerant Inputs and Outputs
General Description
The VCX16500 is an 18-bit universal bus transceiver which
combines D-type latches and D-type flip-flops to allow data
flow in transparent, latched, and clocked modes.
Data flow in each direction is controlled by output-enable
(OEAB and OEBA), latch-enable (LEAB and LEBA), and
clock (CLKAB and CLKBA) inputs. For A-to-B data flow, the
device operates in the transparent mode when LEAB is
HIGH. When LEAB is LOW, the A data is latched if CLKAB
is held at a HIGH or LOW logic level. If LEAB is LOW, the A
bus data is stored in the latch/flip-flop on the HIGH-to-LOW
transition of CLKAB. When OEAB is HIGH, the outputs are
active. When OEAB is LOW, the outputs are in a high-
impedance state.
Data flow for B to A is similar to that of A to B but uses
OEBA, LEBA, and CLKBA. The output enables are com-
plementary (OEAB is active HIGH and OEBA is active
LOW).
The VCX16500 is designed for low voltage (1.65V to 3.6V)
VCC applications with I/O capability up to 3.6V.
The 74VCX16500 is fabricated with an advanced CMOS
technology to achieve high speed operation while maintain-
ing low CMOS power dissipation.
Features
s 1.65V–3.6V VCC supply operation
s 3.6V tolerant inputs and outputs
s tPD (A to B, B to A)
2.9 ns max for 3.0V to 3.6V VCC
3.5 ns max for 2.3V to 2.7V VCC
7.0 ns max for 1.65V to 1.95V VCC
s Power-down high impedance inputs and outputs
s Supports live insertion/withdrawal (Note 1)
s Static Drive (IOH/IOL)
±24 mA @ 3.0V V
CC
±18 mA @ 2.3V V
CC
±6 mA @ 1.65V V
CC
s Uses patented noise/EMI reduction circuitry
s Latchup performance exceeds 300 mA
s ESD performance:
Human body model
> 2000V
Machine model
>200V
Note 1: To ensure the high-impedance state during power up or power
down, OEBA should be tied to VCC through a pull-up resistor and OEAB
should be tied to GND through a pull-down resistors; the minimum value of
the resistor is determined by the current-sourcing capability of the driver.
Ordering Code:
Devices also available on Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Order Number
Package Number
Package Description
74VCX16500MTD
MTD56
56-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74VCX162601Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the B-Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC162601Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the B-Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX16501Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX16601Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC16500Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC16501Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC16601Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCXR162601Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVCR162601Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
TC74VCXR162600FTLOW VOLTAGE 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreToshiba Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn