Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VCX16374MTD Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # 74VCX16374MTD
Description  Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX16374MTD Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button 74VCX16374MTD Datasheet HTML 2Page - Fairchild Semiconductor 74VCX16374MTD Datasheet HTML 3Page - Fairchild Semiconductor 74VCX16374MTD Datasheet HTML 4Page - Fairchild Semiconductor 74VCX16374MTD Datasheet HTML 5Page - Fairchild Semiconductor 74VCX16374MTD Datasheet HTML 6Page - Fairchild Semiconductor 74VCX16374MTD Datasheet HTML 7Page - Fairchild Semiconductor 74VCX16374MTD Datasheet HTML 8Page - Fairchild Semiconductor 74VCX16374MTD Datasheet HTML 9Page - Fairchild Semiconductor 74VCX16374MTD Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
www.fairchildsemi.com
10
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Body Width
Package Number MTD48
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and
Fairchild reserves the right at any time without notice to change said circuitry and specifications.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD
SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the
body, or (b) support or sustain life, and (c) whose failure
to perform when properly used in accordance with
instructions for use provided in the labeling, can be rea-
sonably expected to result in a significant injury to the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be rea-
sonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com


Similar Part No. - 74VCX16374MTD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74VCX16374 ONSEMI-74VCX16374 Datasheet
241Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it D?뭈ype Flip?묯lop With 3.6 V?뭈olerant Inputs and Outputs
June, 2006 ??Rev. 6
logo
STMicroelectronics
74VCX16374 STMICROELECTRONICS-74VCX16374 Datasheet
312Kb / 12P
   LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
February 2003
logo
ON Semiconductor
74VCX16374DT ONSEMI-74VCX16374DT Datasheet
241Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it D?뭈ype Flip?묯lop With 3.6 V?뭈olerant Inputs and Outputs
June, 2006 ??Rev. 6
74VCX16374DTR ONSEMI-74VCX16374DTR Datasheet
241Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it D?뭈ype Flip?묯lop With 3.6 V?뭈olerant Inputs and Outputs
June, 2006 ??Rev. 6
More results

Similar Description - 74VCX16374MTD

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCX162374FT TOSHIBA-TC74VCX162374FT Datasheet
372Kb / 10P
   LOW VOLTAGE 16-BIT D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX16374FT TOSHIBA-TC74VCX16374FT Datasheet
380Kb / 11P
   LOW VOLTAGE 16-BIT D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74ALVC16374 FAIRCHILD-74ALVC16374 Datasheet
122Kb / 8P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC7MA574FK TOSHIBA-TC7MA574FK Datasheet
331Kb / 9P
   LOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC7MA374FK TOSHIBA-TC7MA374FK Datasheet
330Kb / 9P
   LOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC7MA2374FK TOSHIBA-TC7MA2374FK Datasheet
333Kb / 9P
   LOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX574FT TOSHIBA-TC74VCX574FT Datasheet
336Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC7MA2574FX TOSHIBA-TC7MA2574FX Datasheet
333Kb / 9P
   LOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX2574FT TOSHIBA-TC74VCX2574FT Datasheet
340Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX374FT TOSHIBA-TC74VCX374FT Datasheet
334Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com