Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VCX162839MTD Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # 74VCX162839MTD
Description  Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in the Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX162839MTD Datasheet(HTML) 6 Page - Fairchild Semiconductor

  74VCX162839MTD Datasheet HTML 1Page - Fairchild Semiconductor 74VCX162839MTD Datasheet HTML 2Page - Fairchild Semiconductor 74VCX162839MTD Datasheet HTML 3Page - Fairchild Semiconductor 74VCX162839MTD Datasheet HTML 4Page - Fairchild Semiconductor 74VCX162839MTD Datasheet HTML 5Page - Fairchild Semiconductor 74VCX162839MTD Datasheet HTML 6Page - Fairchild Semiconductor 74VCX162839MTD Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.fairchildsemi.com
6
AC Loading and Waveforms
FIGURE 1. AC Test Circuit
FIGURE 2. Waveform for Inverting and
Non-Inverting Functions
FIGURE 3. 3-STATE Output High Enable and Disable
Times for Low Voltage Logic
FIGURE 4. 3-STATE Output Low Enable and Disable Times for Low Voltage Logic
FIGURE 5. Propagation Delay, Pulse Width and
trec Waveforms
FIGURE 6. Setup Time, Hold Time and
Recovery Time for Low Voltage Logic
TEST
SWITCH
tPLH, tPHL
Open
tPZL, tPLZ
6V at VCC = 3.3 ± 0.3V;
VCC x 2 at VCC = 2.5 ± 0.2V; 1.8V ± 0.15V
tPZH, tPHZ
GND
Symbol
VCC
3.3V
± 0.3V
2.5V
± 0.2V
1.8V
± 0.15V
Vmi
1.5V
VCC/2
VCC/2
Vmo
1.5V
VCC/2
VCC/2
VX
VOL + 0.3V
VOL + 0.15V
VOL + 0.15V
VY
VOH − 0.3V
VOH − 0.15V
VOH − 0.15V


Similar Part No. - 74VCX162839MTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX162839MTD FAIRCHILD-74VCX162839MTD Datasheet
75Kb / 7P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs/Outputs and 26ohm Series Resistors in the Outputs
More results

Similar Description - 74VCX162839MTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVC162839 FAIRCHILD-74ALVC162839 Datasheet
83Kb / 6P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs/Outputs and 26??Series Resistors in the Outputs
74VCX162838 FAIRCHILD-74VCX162838 Datasheet
77Kb / 7P
   Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the Outputs
74ALVC162838 FAIRCHILD-74ALVC162838 Datasheet
88Kb / 6P
   Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs/Outputs and 26??Series Resistors in the Outputs
74VCX162839 FAIRCHILD-74VCX162839_00 Datasheet
75Kb / 7P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs/Outputs and 26ohm Series Resistors in the Outputs
74ALVC16839 FAIRCHILD-74ALVC16839 Datasheet
81Kb / 6P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
74VCX16839 FAIRCHILD-74VCX16839 Datasheet
74Kb / 7P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
74VCX162827MTDX FAIRCHILD-74VCX162827MTDX Datasheet
142Kb / 8P
   Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in the Outputs
74VCX162827 FAIRCHILD-74VCX162827 Datasheet
135Kb / 8P
   Low Voltage 20-Bit Buffer Line Driver with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in the Outputs
74ALVC162827 FAIRCHILD-74ALVC162827 Datasheet
77Kb / 6P
   Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the Outputs
74VCX16838 FAIRCHILD-74VCX16838 Datasheet
78Kb / 7P
   Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com