Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74VCX162838 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. 74VCX162838
Description  Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

74VCX162838 Datasheet(HTML) 5 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics (Note 8)
Note 8: For CL = 50PF, add approximately 300 ps to the AC maximum specification.
Note 9: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Extended AC Electrical Characteristics (Note 10)
Note 10: This parameter is guaranteed by characterization but not tested.
Dynamic Switching Characteristics
Capacitance
Symbol
Parameter
TA = −40°C to +85°C, CL = 30 pF, RL = 500Ω
Units
VCC = 3.3V ± 0.3V
VCC = 2.5V ± 0.2V
VCC = 1.8V
Min
Max
Min
Max
Min
Max
fMAX
Maximum Clock Frequency
250
200
100
MHz
tPHL, tPLH
Prop Delay In to On (REGE = 0)
0.8
3.5
1.0
4.9
1.5
9.8
ns
tPHL, tPLH
Prop Delay CP to On (REGE = 1)
0.8
3.9
1.0
5.4
1.5
9.8
ns
tPHL, tPLH
Prop Delay REGE to On
0.8
3.9
1.0
5.4
1.5
9.8
ns
tPZL, tPZH
Output Enable Time
0.8
4.0
1.0
5.7
1.5
9.8
ns
tPLZ, tPHZ
Output Disable Time
0.8
4.1
1.0
4.6
1.5
8.3
ns
tS
Setup Time
1.0
1.0
2.5
ns
tH
Hold Time
0.7
0.7
1.0
ns
tW
Pulse Width
1.5
1.5
4.0
ns
tOSHL
Output to Output Skew (Note 9)
0.5
0.5
0.75
ns
tOSLH
Symbol
Parameter
TA = −0°C to +85°C, RL = 500Ω VCC = 3.3V ± 0.3V
Units
CL = 50 pF
Min
Max
tPHL, tPLH
Prop Delay In to On (REGE = 0)
1.0
3.8
ns
tPHL, tPLH
Prop Delay CP to On (REGE = 1)
1.4
4.2
ns
tPHL, tPLH
Prop Delay REGE to On
1.0
4.2
ns
tPZL, tPZH
Output Enable Time
1.0
4.3
ns
tPLZ, tPHZ
Output Disable Time
1.0
4.4
ns
tS
Setup Time
1.0
ns
tH
Hold Time
0.7
ns
Symbol
Parameter
Conditions
VCC
(V)
TA = +25°C
Units
Typical
VOLP
Quiet Output Dynamic Peak VOL
CL = 30 pF, VIH = VCC, VIL = 0V
1.8
0.15
V
2.5
0.25
3.3
0.35
VOLV
Quiet Output Dynamic Valley VOL
CL = 30 pF, VIH = VCC, VIL = 0V
1.8
−0.15
V
2.5
−0.25
3.3
−0.35
VOHV
Quiet Output Dynamic Valley VOH
CL = 30 pF, VIH = VCC, VIL = 0V
1.8
1.55
V
2.5
2.05
3.3
2.65
Symbol
Parameter
Conditions
TA = +25°C
Units
Typical
CIN
Input Capacitance
VCC = 1.8V, 2.5V or 3.3V, VI = 0V or VCC
6pF
COUT
Output Capacitance
VI = 0V or VCC, VCC = 1.8V, 2.5V or 3.3V
7
pF
CPD
Power Dissipation Capacitance
VI =0V or VCC, f = 10 MHz, VCC = 1.8V, 2.5V or 3.3V
20
pF


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74ALVC162838Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs/Outputs and 26Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC162839Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs/Outputs and 26Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVCR162601Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC162240Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC162245Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in A Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC162373Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC162374Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX162839Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC162601Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the B-Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC162827Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn