Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74VCX162835 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. 74VCX162835
Description  Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26Ω Series Resistors in Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

74VCX162835 Datasheet(HTML) 3 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 4)
Recommended Operating
Conditions (Note 6)
Note 4: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the Absolute Maximum Rat-
ings. The Recommended Operating Conditions tables will define the condi-
tions for actual device operation.
Note 5: IO Absolute Maximum Rating must be observed.
Note 6: Floating or unused pin (inputs or I/O's) must be held HIGH or LOW.
DC Electrical Characteristics (2.7V < V
CC 3.6V)
Note 7: Outputs disabled or 3-STATE only.
Supply Voltage (VCC)
−0.5V to +4.6V
DC Input Voltage (VI)
−0.5V to +4.6V
Output Voltage (VO)
Outputs 3-STATE
−0.5V to +4.6V
Outputs Active (Note 5)
−0.5 to V
CC + 0.5V
DC Input Diode Current (IIK) VI < 0V
−50 mA
DC Output Diode Current (IOK)
VO < 0V
−50 mA
VO > VCC
+50 mA
DC Output Source/Sink Current
(IOH/IOL)
±50 mA
DC VCC or Ground Current per
Supply Pin (ICC or Ground)
±100 mA
Storage Temperature Range (TSTG)
−65°C to +150°C
Power Supply
Operating
1.65V to 3.6V
Data Retention Only
1.2V to 3.6V
Input Voltage
−0.3V to 3.6V
Output Voltage (VO)
Output in Active States
0V to VCC
Output in 3-STATE
0.0V to 3.6V
Output Current in IOH/IOL
VCC = 3.0V to 3.6V
±12 mA
VCC = 2.3V to 2.7V
±8 mA
VCC = 1.65V to 2.3V
±3 mA
Free Air Operating Temperature (TA)
−40°C to +85°C
Minimum Input Edge Rate (
∆t/∆V)
VIN = 0.8V to 2.0V, VCC = 3.0V
10 ns/V
Symbol
Parameter
Conditions
VCC
Min
Max
Units
(V)
VIH
HIGH Level Input Voltage
2.7–3.6
2.0
V
VIL
LOW Level Input Voltage
2.7–3.6
0.8
V
VOH
HIGH Level Output Voltage
IOH = −100 µA2.7–3.6
VCC − 0.2
IOH = −6 mA
2.7
2.2
V
IOH = −8 mA
3.0
2.4
IOH = −12 mA
3.0
2.2
VOL
LOW Level Output Voltage
IOL = 100 µA2.7–3.6
0.2
IOL = 6mA
2.7
0.4
V
IOL = 8 mA
3.0
0.55
IOL = 12mA
3.0
0.8
II
Input Leakage Current
0V
≤ V
I ≤ 3.6V
2.7–3.6
±5.0
µA
IOZ
3-STATE Output Leakage
0V
≤ V
O ≤ 3.6V
2.7–3.6
±10
µA
VI = VIH or VIL
IOFF
Power Off Leakage Current
0V
≤ (V
I, VO) ≤ 3.6V
0
10
µA
ICC
Quiescent Supply Current
VI = VCC or GND
2.7–3.6
20
µA
VCC ≤ (VI, VO) ≤ 3.6V (Note 7)
2.7–3.6
±20
∆I
CC
Increase in ICC per Input
VIH = VCC − 0.6V
2.7–3.6
750
µA


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74ALVC162835Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCXF162835Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVCF162835Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVCF322835Low Voltage 36-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC162601Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the B-Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVCR162601Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX162601Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the B-Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCXR162601Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
TC74VCX162835FTLOW VOLTAGE 18-BIT UNIVERSAL BUS DRIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreToshiba Semiconductor
74VCX16835Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn