Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VCX16244 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # 74VCX16244
Description  Low Voltage 16-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX16244 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button 74VCX16244 Datasheet HTML 2Page - Fairchild Semiconductor 74VCX16244 Datasheet HTML 3Page - Fairchild Semiconductor 74VCX16244 Datasheet HTML 4Page - Fairchild Semiconductor 74VCX16244 Datasheet HTML 5Page - Fairchild Semiconductor 74VCX16244 Datasheet HTML 6Page - Fairchild Semiconductor 74VCX16244 Datasheet HTML 7Page - Fairchild Semiconductor 74VCX16244 Datasheet HTML 8Page - Fairchild Semiconductor 74VCX16244 Datasheet HTML 9Page - Fairchild Semiconductor 74VCX16244 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
www.fairchildsemi.com
10
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
Package Number MTD48
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and
Fairchild reserves the right at any time without notice to change said circuitry and specifications.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD
SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the
body, or (b) support or sustain life, and (c) whose failure
to perform when properly used in accordance with
instructions for use provided in the labeling, can be rea-
sonably expected to result in a significant injury to the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be rea-
sonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com


Similar Part No. - 74VCX16244

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74VCX16244 ONSEMI-74VCX16244 Datasheet
85Kb / 10P
   Low-Voltage 1.8V/2.5V/3.3V 16-Bit Buffer
November, 2004 ??Rev. 4
74VCX16244 ONSEMI-74VCX16244 Datasheet
217Kb / 9P
   Low?뭋oltage 1.8V/2.5V/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
logo
STMicroelectronics
74VCX16244 STMICROELECTRONICS-74VCX16244 Datasheet
233Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
ON Semiconductor
74VCX16244DT ONSEMI-74VCX16244DT Datasheet
85Kb / 10P
   Low-Voltage 1.8V/2.5V/3.3V 16-Bit Buffer
November, 2004 ??Rev. 4
74VCX16244DT ONSEMI-74VCX16244DT Datasheet
217Kb / 9P
   Low?뭋oltage 1.8V/2.5V/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
More results

Similar Description - 74VCX16244

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVC16244 FAIRCHILD-74ALVC16244 Datasheet
117Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
74VCX16240 FAIRCHILD-74VCX16240 Datasheet
52Kb / 7P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
74ALVC16240 FAIRCHILD-74ALVC16240 Datasheet
99Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
74VCX16240 FAIRCHILD-74VCX16240_05 Datasheet
155Kb / 8P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
74VCX16827 FAIRCHILD-74VCX16827 Datasheet
55Kb / 7P
   Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
74ALVC16827 FAIRCHILD-74ALVC16827 Datasheet
76Kb / 6P
   Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
logo
International Rectifier
74VCX16827 IRF-74VCX16827_02 Datasheet
107Kb / 8P
   Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74VCX16827 FAIRCHILD-74VCX16827_02 Datasheet
107Kb / 8P
   Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
74VCX32244 FAIRCHILD-74VCX32244 Datasheet
106Kb / 9P
   Low Voltage 32-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX16244FT TOSHIBA-TC74VCX16244FT Datasheet
333Kb / 9P
   LOW VOLTAGE 16-BIT BUS BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com