Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


74VCX16244 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. 74VCX16244
Description  Low Voltage 16-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

 
 4 page
background image
www.fairchildsemi.com
4
Absolute Maximum Ratings(Note 4)
Recommended Operating
Conditions (Note 6)
Note 4: The Absolute Maximum Ratings are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the Absolute Maximum Rat-
ings. The “Recommended Operating Conditions” table will define the condi-
tions for actual device operation.
Note 5: IO Absolute Maximum Rating must be observed.
Note 6: Floating or unused inputs must be held HIGH or LOW.
DC Electrical Characteristics
Supply Voltage (VCC)
0.5V to 4.6V
DC Input Voltage (VI)
0.5V to 4.6V
Output Voltage (VO)
Outputs 3-STATED
0.5V to 4.6V
Outputs Active (Note 5)
0.5V to VCC 0.5V
DC Input Diode Current (IIK) VI  0V
50 mA
DC Output Diode Current (IOK)
VO  0V
50 mA
VO ! VCC
50 mA
DC Output Source/Sink Current
(IOH/IOL)
r50 mA
DC VCC or GND Current per
Supply Pin (ICC or GND)
r100 mA
Storage Temperature Range (TSTG)
65qC to 150qC
Power Supply
Operating
1.2V to 3.6V
Input Voltage
0.3V to 3.6V
Output Voltage (VO)
Output in Active States
0.0V to VCC
Output in 3-State
0.0V to 3.6V
Output Current in IOH/IOL
VCC 3.0V to 3.6V
r24 mA
VCC 2.3V to 2.7V
r18 mA
VCC 1.65V to 2.3V
r6 mA
VCC 1.4V to 1.6V
r2 mA
VCC 1.2V
r100 PA
Free Air Operating Temperature (TA)
40qC to 85qC
Minimum Input Edge Rate (
't/'V)
VIN 0.8V to 2.0V, VCC 3.0V
10 ns/V
Symbol
Parameter
Conditions
VCC
Min
Max
Units
(V)
VIH
HIGH Level Input Voltage
2.7 - 3.6
2.0
V
2.3 - 2.7
1.6
1.65 - 2.3
0.65
u VCC
1.4 - 1.6
0.65
u VCC
1.2
0.65 x VCC
VIL
LOW Level Input Voltage
2.7 - 3.6
0.8
V
2.3 - 2.7
0.7
1.65 - 2.3
0.35
u VCC
1.4 - 1.6
0.35
u VCC
1.2
0.05 x VCC
VOH
HIGH Level Output Voltage
IOH 100 PA
2.7 - 3.6
VCC - 0.2
V
IOH 12 mA
2.7
2.2
IOH 18 mA
3.0
2.4
IOH 24 mA
3.0
2.2
IOH 100 PA
2.3 - 2.7
VCC - 0.2
IOH 6 mA
2.3
2.0
IOH 12 mA
2.3
1.8
IOH 18 mA
2.3
1.7
IOH 100 PA
1.65 - 2.3
VCC - 0.2
IOH 6 mA
1.65
1.25
IOH 100 PA
1.4 - 1.6
VCC - 0.2
IOH 2 mA
1.4
1.05
IOH 100 PA1.2
VCC - 0.2




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74VCX16240Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC162240Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC162244Low Voltage 16-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistor in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC16240Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX162240Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX162244Low Voltage 16-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistor in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC16244Low Voltage 16-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX162373Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC16835Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX162835Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl