Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRF-5.08 Datasheet(PDF) 1 Page - Eldeco Srl

Part # CRF-5.08
Description  Standard : UL - IEC 300V - 320V 15A - 20A
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELDECO [Eldeco Srl]
Direct Link  http://www.euro-block.it
Logo ELDECO - Eldeco Srl

CRF-5.08 Datasheet(HTML) 1 Page - Eldeco Srl

  CRF-5.08 Datasheet HTML 1Page - Eldeco Srl  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - CRF-5.08

ManufacturerPart #DatasheetDescription
logo
Eldeco Srl
CRF-5.08-F ELDECO-CRF-5.08-F Datasheet
179Kb / 1P
   Standard : UL - IEC 300V - 320V 15A - 20A
CRF-5.08-L ELDECO-CRF-5.08-L Datasheet
309Kb / 1P
   Standard : UL - IEC 250V - 320V 10A - 20A
More results

Similar Description - CRF-5.08

ManufacturerPart #DatasheetDescription
logo
Eldeco Srl
CRF-5.08-F ELDECO-CRF-5.08-F Datasheet
179Kb / 1P
   Standard : UL - IEC 300V - 320V 15A - 20A
CRS-5 ELDECO-CRS-5 Datasheet
342Kb / 1P
   Standard : UL - IEC 300V - 320V 15A - 20A
CMD-VF ELDECO-CMD-VF Datasheet
297Kb / 1P
   Standard : UL - IEC 300V - 320V 15A - 20A
CRF-7.5 ELDECO-CRF-7.5 Datasheet
169Kb / 1P
   Standard : UL - IEC 300V - 320V 15A - 20A
CRS-5.08-G ELDECO-CRS-5.08-G Datasheet
420Kb / 1P
   Standard : UL - IEC 300V - 320V 15A - 20A
CMA-5.08-HF ELDECO-CMA-5.08-HF Datasheet
162Kb / 1P
   Standard : UL - IEC 300V - 320V 15A - 20A
CMI-5.08-C ELDECO-CMI-5.08-C Datasheet
282Kb / 1P
   Standard : UL - IEC 300V - 320V 15A - 20A
CCM-7.5-H ELDECO-CCM-7.5-H Datasheet
153Kb / 1P
   Standard : UL - IEC 300V - 320V 15A - 20A
CMA-5.08 ELDECO-CMA-5.08 Datasheet
310Kb / 1P
   Standard : UL - IEC 300V - 320V 15A - 20A
CMA-5.08-F ELDECO-CMA-5.08-F Datasheet
176Kb / 1P
   Standard : UL - IEC 300V - 320V 15A - 20A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com