Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR7545R Datasheet(PDF) 2 Page - Naina Semiconductor ltd.

Part # MBR7545R
Description  Schottky Power Diode, 75A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

MBR7545R Datasheet(HTML) 2 Page - Naina Semiconductor ltd.

  MBR7545R Datasheet HTML 1Page - Naina Semiconductor ltd. MBR7545R Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Naina Semiconductor Ltd.
MBR7545 thru
MBR75100R
2
D-95, Sector 63, Noida – 201301, India
Tel: 0120-4205450
Fax: 0120-4273653
sales@nainasemi.com
www.nainasemi.com
Package Outline
ALL DIMENSIONS IN MM


Similar Part No. - MBR7545R

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
MBR7545R TEL-MBR7545R Datasheet
123Kb / 2P
   SCHOTTKY DIODES STUD TYPE 75 A
logo
GeneSiC Semiconductor, ...
MBR7545R GENESIC-MBR7545R Datasheet
648Kb / 3P
   Silicon Power Schottky Diode
More results

Similar Description - MBR7545R

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
MBR7520 NAINA-MBR7520 Datasheet
123Kb / 2P
   Schottky Power Diode, 75A
logo
GeneSiC Semiconductor, ...
GD75MPS17-CAL GENESIC-GD75MPS17-CAL Datasheet
296Kb / 6P
   1700V 75A SiC Schottky MPS??Diode
logo
DACO SEMICONDUCTOR CO.,...
CSRI2X75-120P1B DACO-CSRI2X75-120P1B Datasheet
392Kb / 4P
   SiC SCHOTTKY DIODE TYPE 2×75A
Feb 2023 Rev 1.2
CSRI2X75-065P2B DACO-CSRI2X75-065P2B Datasheet
513Kb / 4P
   SiC SCHOTTKY DIODE TYPE 2×75A
may 2023 Rev 1.0
CSRI2X75-170P1B DACO-CSRI2X75-170P1B Datasheet
378Kb / 4P
   SiC SCHOTTKY DIODE TYPE 2×75A
Feb 2023 Rev 1.2
logo
Digitron Semiconductors
MBR7535 DIGITRON-MBR7535 Datasheet
316Kb / 2P
   75A SCHOTTKY RECTIFIER
logo
Intersil Corporation
RHRU75120 INTERSIL-RHRU75120 Datasheet
42Kb / 3P
   75A, 1200V Hyperfast Diode
RHRG75120 INTERSIL-RHRG75120 Datasheet
32Kb / 3P
   75A, 1200V Hyperfast Diode
logo
Fairchild Semiconductor
RHRG75120 FAIRCHILD-RHRG75120 Datasheet
341Kb / 4P
   75A, 1200V Hyperfast Diode
logo
Intersil Corporation
RHRG7560 INTERSIL-RHRG7560 Datasheet
46Kb / 4P
   75A, 600V Hyperfast Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com