Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74VCX162374 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. 74VCX162374
Description  Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

74VCX162374 Datasheet(HTML) 4 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics (2.3V
≤ V
CC ≤ 2.7V)
Note 6: Outputs disabled or 3-STATE only.
DC Electrical Characteristics (1.65V
≤ V
CC < 2.3V)
Note 7: Outputs disabled or 3-STATE only.
Symbol
Parameter
Conditions
V CC
(V)
Min
Max
Units
VIH
HIGH Level Input Voltage
2.3
− 2.7
1.6
V
VIL
LOW Level Input Voltage
2.3
− 2.7
0.7
V
VOH
HIGH Level Output Voltage
IOH = −100 µA
2.3
− 2.7
VCC − 0.2
V
IOH = −4 mA
2.3
2.0
V
IOH = −6 mA
2.3
1.8
V
IOH = −8 mA
2.3
1.7
V
VOL
LOW Level Output Voltage
IOL = 100 µA
2.3
− 2.7
0.2
V
IOL = 6 mA
2.3
0.4
V
IOL = 8 mA
2.3
0.6
V
II
Input Leakage Current
0
≤ V
I ≤ 3.6V
2.3
− 2.7
±5.0
µA
IOZ
3-STATE Output Leakage
0
≤ V
O ≤ 3.6V
2.3
− 2.7
±10
µA
VI = VIH or VIL
IOFF
Power-OFF Leakage Current
0
≤ (V
I, VO) ≤ 3.6V
0
10
µA
ICC
Quiescent Supply Current
VI = VCC or GND
2.3
− 2.7
20
µA
VCC ≤ (VI, VO) ≤ 3.6V (Note 6)
2.3
− 2.7
±20
µA
Symbol
Parameter
Conditions
VCC
(V)
Min
Max
Units
VIH
HIGH Level Input Voltage
1.65 - 2.3
0.65
× V
CC
V
VIL
LOW Level Input Voltage
1.65 - 2.3
0.35
× V
CC
V
VOH
HIGH Level Output Voltage
IOH = −100 µA
1.65 - 2.3
VCC − 0.2
V
IOH = −3 mA
1.65
1.25
V
VOL
LOW Level Output Voltage
IOL = 100 µA
1.65 - 2.3
0.2
V
IOL = 3 mA
1.65
0.3
V
II
Input Leakage Current
0
≤ V
I ≤ 3.6V
1.65 - 2.3
±5.0
µA
IOZ
3-STATE Output Leakage
0
≤ V
O ≤ 3.6V
1.65 - 2.3
±10
µA
VI = VIH or VIL
IOFF
Power-OFF Leakage Current
0
≤ (V
I, VO) ≤ 3.6V
0
10
µA
ICC
Quiescent Supply Current
VI = VCC or GND
1.65 - 2.3
20
µA
VCC ≤ (VI, VO) ≤ 3.6V (Note 7)
1.65 - 2.3
±20
µA


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74ALVC162374Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX162373Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LCX162374Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs and 26Ω Series Resistors 1 2 3 4 5 MoreFairchild Semiconductor
74VCX162240Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX162245Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in A Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCXH16374LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP 3-STATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreSTMicroelectronics
TC74VCX162374FTLOW VOLTAGE 16-BIT D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreToshiba Semiconductor
74ALVC162240Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX162838Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC162245Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in A Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn