Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74VCX132 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. 74VCX132
Description  Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

74VCX132 Datasheet(HTML) 2 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions (Note 3)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Note 2: IO Absolute Maximum Rating must be observed.
Note 3: Floating or unused inputs must be held HIGH or LOW.
DC Electrical Characteristics (2.7V
< V
CC ≤ 3.6V)
Supply Voltage (VCC)
−0.5V to +4.6V
DC Input Voltage (VI)
−0.5V to 4.6V
DC Output Voltage (VO)
HIGH or LOW State (Note 2)
−0.5V to V
CC + 0.5V
VCC = 0V
−0.5V to +4.6V
DC Input Diode Current (IIK)
VI < 0V
−50 mA
DC Output Diode Current (IOK)
VO < 0V
−50 mA
VO > VCC
+50 mA
DC Output Source/Sink Current
±50 mA
(IOH/IOL)
DC VCC or Ground Current per
±100 mA
Supply Pin (ICC or Ground)
Storage Temperature (TSTG)
−65°C to +150°C
Power Supply
Operating
1.65V to 3.6V
Data Retention Only
1.2V to 3.6V
Input Voltage
−0.3V to 3.6V
Output Voltage (VO)
HIGH or LOW State
0V to VCC
Output Current in IOH/IOL
VCC = 3.0V to 3.6V
±24 mA
VCC = 2.3V to 2.7V
±18 mA
VCC = 1.65V to 2.3V
±6 mA
Free Air Operating Temperature (TA)
−40°C to +85°C
Symbol
Parameter
Conditions
VCC
(V)
Min
Max
Units
Vt+
Positive Threshold
3.6
2.2
V
3.0
2.0
Vt
Negative Threshold
3.6
0.8
V
3.0
0.7
VH
Input Hysteresis
3.6
0.3
1.2
V
3.0
0.3
1.2
VOH
HIGH Level Output Voltage
IOH = −100 µA
2.7–3.6
VCC–0.2
V
IOH= −12 mA
2.7
2.2
IOH = −18 mA
3.0
2.4
IOH = −24mA
3.0
2.2
VOL
LOW Level Output Voltage
IOL = 100 µA
2.7–3.6
0.2
V
IOL = 12 µA2.7
0.4
IOL = 18 mA
3.0
0.4
IOL = 24 mA
3.0
0.55
II
Input Leakage Current
0
≤ V
I ≤ 3.6V
2.7–3.6
±15.0
µA
IOFF
Power Off Leakage Current
0
≤ (V
I, VO) ≤ 3.6V
0
10
µA
ICC
Quiescent Supply Current
VI = VCC or GND
2.7–3.6
20
µA
VCC ≤ VI ≤ 3.6V
2.7–3.6
±20
∆I
CC
Increase in ICC per Input
VIH = VCC – 0.6V
2.7–3.6
750
µA


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn