Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74VCX132 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. 74VCX132
Description  Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX132 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74VCX132 Datasheet HTML 1Page - Fairchild Semiconductor 74VCX132 Datasheet HTML 2Page - Fairchild Semiconductor 74VCX132 Datasheet HTML 3Page - Fairchild Semiconductor 74VCX132 Datasheet HTML 4Page - Fairchild Semiconductor 74VCX132 Datasheet HTML 5Page - Fairchild Semiconductor 74VCX132 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 1999 Fairchild Semiconductor Corporation
ds500164
www.fairchildsemi.com
July 1999
Revised July 1999
74VCX132
Low Voltage Quad 2-Input NAND Gate with
Schmitt Trigger Inputs and 3.6V Tolerant Inputs
and Outputs
General Description
The VCX132 contains four 2-input NAND gates with
Schmitt Trigger Inputs. The pin configuration and function
are the same as the VCX00 except the inputs have hyster-
esis between the positive-going and negative-going input
thresholds. This hysteresis is useful for transforming slowly
switching input signals into sharply defined, jitter-free out-
put signals. This product should be used where noise mar-
gin greater than that of conventional gates is required.
The VCX132 is designed for low voltage (1.65V to 3.6V)
VCC applications with I/O compatibility up to 3.6V.
This product is fabricated with an advanced CMOS tech-
nology to achieve high-speed operation while maintaining
low CMOS power dissipation.
Features
s 1.65V-3.6V VCC supply operation
s 3.6V tolerant inputs and outputs
s tPD
3.3 ns max for 3.0V to 3.6V VCC
4.1 ns max for 2.3V to 2.7V VCC
8.2 ns max for 1.65V to 1.95V VCC
s Power-off high impedance inputs and outputs
s Static Drive (IOH/IOL)
±24 mA @ 3.0V V
CC
±18 mA @ 2.3V V
CC
±6 mA @ 1.65V V
CC
s Uses patented Quiet Series
™ noise/EMI reduction
circuitry
s Latchup performance exceeds 300 mA
s ESD performance:
Human body model
> 2000V
Machine model
> 250V
Ordering Code:
Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Diagram
Pin Descriptions
Connection Diagram
Quiet Series
™ is a trademark of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
74VCX132M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150” Narrow
74VCX132MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Pin Name
Description
An, Bn
Inputs
On
Outputs


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn