Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74VCX132 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. 74VCX132
Description  Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

74VCX132 Datasheet(HTML) 4 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
Dynamic Switching Characteristics
Capacitance
AC Loading and Waveforms
FIGURE 1. AC Test Circuit
FIGURE 2. Waveform for Inverting and Non-inverting Functions
Symbol
Parameter
Conditions
VCC
(V)
TA = +25°C
Units
Typical
VOLP
Quiet Output Dynamic
CL = 30 pF, VIH = VCC, VIL = 0V
1.8
0.25
V
Peak VOL
2.5
0.6
3.3
0.8
VOLV
Quiet Output Dynamic
CL = 30 pF, VIH = VCC, VIL = 0V
1.8
−0.25
V
Valley VOL
2.5
−0.6
3.3
−0.8
VOHV
Quiet Output Dynamic
CL = 30 pF, VIH = VCC, VIL = 0V
1.8
1.5
V
Valley VOH
2.5
1.9
3.3
2.2
Symbol
Parameter
Conditions
TA = +25°CUnits
Typical
CIN
Input Capacitance
VI = 0V or VCC, VCC = 1.8V, 2.5V or 3.3V
6
pF
COUT
Output Capacitance
VI = 0V or VCC, VCC = 1.8V, 2.5V or 3.3V
7
pF
CPD
Power Dissipation Capacitance
VI = 0V or VCC, f = 10MHz, VCC = 1.8V, 2.5V or 3.3V
20
pF
TEST
SWITCH
tPLH, tPHL
Open
Symbol
VCC
3.3V
± 0.3V
2.5V
± 0.2V
1.8V
± 0.15V
Vmi
1.5V
VCC/2
VCC/2
Vmo
1.5V
VCC/2
VCC/2


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn