Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVXC4245 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part No. 74LVXC4245
Description  8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

74LVXC4245 Datasheet(HTML) 6 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.fairchildsemi.com
6
Configurable I/O Application for PCMCIA Cards
Block Diagram
The LVXC4245 is a 24-pin dual supply device well suited
for PCMCIA configurable I/O applications. Ideal for low
power notebook designs, the LVXC4245 consumes less
than 1 mW of quiescent power in all modes of operation.
The LVXC4245 meets all PCMCIA I/O voltage require-
ments at 5V and 3.3V operation. By tying VCCB of the
LVXC4245 to the card voltage supply, the PCMCIA card
will always experience rail to rail output swings, maximizing
the reliability of the interface.
The VCCA pin on the LVXC4245 must always be tied to a
5V power supply. This voltage connection provides internal
references needed to account for variations in VCCB. When
connected as in the block diagram above, the LVXC4245
meets all the voltage and current requirements of the ISA
bus standard (IEEE P996).


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74LVXC32458-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LVXC32458-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
54LVXC42458-Bit Dual Supply Configurable Voltage Interface Transceiver with TRI-STATE Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
PI74LVCC3245A8-Bit Dual Supply Bus Transceiver with Configurable Output Voltage and 3-State Outputs 1 2 3 4 5 MorePericom Semiconductor Corporation
PI74LVCC4245A8-Bit Dual Supply Bus Transceiver with Configurable Output Voltage and 3-State Outputs 1 2 3 4 5 MorePericom Semiconductor Corporation
74LVXC16424516-Bit Dual Supply Configurable Voltage Interface Transceiver with TRI-STATE-R Outputs 1 2 3 4 National Semiconductor (TI)
SN74AVC8T2458 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN74LVC2T45DUAL BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN74AVC20T24520 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
FXL4245Low Voltage Dual Supply 8-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn