Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTU15P03 Datasheet(PDF) 5 Page - DinTek Semiconductor Co,.Ltd

Part # DTU15P03
Description  P-Channel 30-V (D-S) MOSFET Halogen-free
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTU15P03 Datasheet(HTML) 5 Page - DinTek Semiconductor Co,.Ltd

  DTU15P03_13 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTU15P03_13 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTU15P03_13 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTU15P03_13 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTU15P03_13 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTU15P03_13 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTU15P03_13 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTU15P03_13 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd DTU15P03_13 Datasheet HTML 9Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
MOSFET TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0.0
3.4
6.8
10.2
13.6
17.0
0
25
50
75
100
125
150
TC - Case Temperature (°C)
Power, Junction-to-Foot
TC - Case Temperature (°C)
0.0
1.2
2.4
3.6
4.8
6.0
0
25
50
75
100
125
150
Power Derating, Junction-to-Ambient
0.0
0.4
0.8
1.2
1.6
2.0
0
25
50
75
100
125
150
TA - Ambient Temperature (°C)
www.din-tek.jp
DTU15P03


Similar Part No. - DTU15P03_13

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTU15P03 DINTEK-DTU15P03 Datasheet
287Kb / 9P
   TrenchFET Power MOSFET
More results

Similar Description - DTU15P03_13

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTL15P03 DINTEK-DTL15P03_13 Datasheet
1Mb / 8P
   P-Channel 30-V (D-S) MOSFET Halogen-free
DTS3401A DINTEK-DTS3401A_13 Datasheet
465Kb / 9P
   P-Channel 30-V (D-S) MOSFET Halogen-free
DTC3059 DINTEK-DTC3059_13 Datasheet
1Mb / 8P
   P-Channel 30-V (D-S) MOSFET Halogen-free
DTM4431 DINTEK-DTM4431 Datasheet
1Mb / 9P
   P-Channel 30 V (D-S) MOSFET Halogen-free
DTM9435 DINTEK-DTM9435_13 Datasheet
1Mb / 8P
   P-Channel 30-V (D-S) MOSFET Halogen-free
DTM4425 DINTEK-DTM4425_13 Datasheet
1Mb / 9P
   P-Channel 30-V (D-S) MOSFET Halogen-free
DTS3401 DINTEK-DTS3401_13 Datasheet
1Mb / 8P
   P-Channel 30-V (D-S) MOSFET Halogen-free
DTS6503 DINTEK-DTS6503_13 Datasheet
2Mb / 9P
   P-Channel 30-V (D-S) MOSFET Halogen-free
DTM4953A DINTEK-DTM4953A Datasheet
1Mb / 7P
   Dual P-Channel 30-V (D-S) MOSFET Halogen-free
DTM4925 DINTEK-DTM4925 Datasheet
1Mb / 9P
   Dual P-Channel 30-V (D-S) MOSFET Halogen-free
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com