Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS3300 Datasheet(PDF) 12 Page - Touchstone Semiconductor Inc

Part # TS3300
Description  0.6-4.5VIN, 1.8-5.25VOUT, 3.5-uA, Low Input Voltage, High-Efficiency Boost LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS3300 Datasheet(HTML) 12 Page - Touchstone Semiconductor Inc

Back Button TS3300 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS3300 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS3300 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS3300 Datasheet HTML 9Page - Touchstone Semiconductor Inc TS3300 Datasheet HTML 10Page - Touchstone Semiconductor Inc TS3300 Datasheet HTML 11Page - Touchstone Semiconductor Inc TS3300 Datasheet HTML 12Page - Touchstone Semiconductor Inc TS3300 Datasheet HTML 13Page - Touchstone Semiconductor Inc TS3300 Datasheet HTML 14Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
TS3300
Page 12
TS3300DS r1p0
RTFDS
The LDO was designed to operate in conjunction with
the boost regulator where the output of the boost
regulator is connected to the input to the linear
regulator. The LDO can provide an output voltage
based on the resistor divider circuit as shown in
Figure 3 or the output voltage can be set to the input
voltage
where
the
internal
switch/FET
is
fully
enhanced. Table 1 summarizes the settings for pins
REG
EN
and
SW
EN.
Figure
4
shows
the
configuration where the internal switch/FET is fully
enhanced (SW EN =high, REG EN = low) so the
boost output is equal to the LDO output. The LDO
can be shutdown by connecting the REF FB pin to
BO when SW EN = low and REG EN = high.
APPLICATIONS INFORMATION
Inductor Selection
A low ESR, shielded 10 H inductor is recommended
for
most
applications
and
provides
the
best
compromise between efficiency and size. A low loss
ferrite and low dc resistance (DCR) inductor is best
for optimal efficiency. Furthermore, there should exist
at least an 8% margin between the saturation current
of the inductor and the peak inductor current for a
given set of operating conditions. Table 2 provides a
list of inductor manufactures. Refer to the Inductor
Peak Current vs Load Current plot in the “Typical
Performance
Characteristics”
section.
This
plot
shows how the inductor peak current varies with load
current
with
a
LPS4018-103ML
inductor
from
Coilcraft.
Input and Output Capacitor Selection
For the boost regulator, a low ESR ceramic input and
output capacitor of at least 10 F is recommended to
be placed as close as possible to the BI and BO pin.
Output voltage ripple can be reduced by increasing
the value of the output capacitor while providing
improved transient response. Ceramic capacitors
with X5R dielectric are recommended.
For the LDO, a low ESR ceramic input and output
capacitor of at least 10 F is recommended to be
placed as close as possible to the REG OUT pin.
Refer to Table 2 for a list of inductor and capacitor
manufacturers.
Buck-Boost Function
The TS3300 can act as a buck-boost device. For
instance, if two 1.5V alkaline cells are used to power
the TS3300, the boost output voltage (VBO) can be
set to 5V and the LDO output voltage (VREGOUT) can
be set to 2.5V. The output voltage for the boost
regulator and the LDO can be set according to Figure
2 and 3, respectively.
Boost Input Anti-Crush
TM Feature
The TS3300 includes an anti-crush
TM
feature to
prevent the collapse of the input voltage to the boost
regulator when the input is a weak (high impedance)
source. If the input voltage drops below a determined
voltage threshold (settable by a resistor divider), the
boost
regulator
switching
cycles
are
paused,
effectively
limiting
the
minimum
input
voltage.
Anti-crush
TM is useful in applications where a buffer
capacitor at the boost’s output can service burst
loads, and the input source exhibits substantial
source impedance (such as with an old battery, or at
cold temperatures).
To set the anti-crush
TM
voltage, a feedback pin
(BI FB) in conjunction with a voltage divider circuit
can be implemented as shown in Figure 7. The
feedback pin voltage is 392mV. It is recommended to
use large resistor values to minimize additional
current draw at the input.
SW EN
REG EN
CONDITION
FUNCTION
low
high
Connect
REG EN pin
to BO pin
LDO Normal
Operation
Connect
REG FB pin
to BO pin
LDO
Shutdown
high
low
Connect
SW EN pin
to BO pin
Internal FET
Hard-on
Table 1. LDO REG EN and SW EN Settings
Inductors
Supplier
Website
Coilcraft
www.coilcraft.com
Murata
www.murata.com
Sumida
www.sumida.com
Capacitors
Taiyo
Yuden
www.t-yuden.com
Murata
www.murata.com
AVX
www.avxcorp.com
TDK
www.component.tdk.com
Table 2. Inductor and Capacitor
Manufactures


Similar Part No. - TS3300

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS3300 SILABS-TS3300 Datasheet
1Mb / 12P
   High-Efficiency Boost Output Load Switch
logo
List of Unclassifed Man...
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
   High Efficiency Synchronous DC/DC Buck Converter
logo
Semtech Corporation
TS33000 SEMTECH-TS33000 Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
TS33000-M008QFNR SEMTECH-TS33000-M008QFNR Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
TS33000-M012QFNR SEMTECH-TS33000-M012QFNR Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
More results

Similar Description - TS3300

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS3300DB TOUCHSTONE-TS3300DB Datasheet
451Kb / 4P
   A 0.6-4.5VIN, 1.8-5.25VOUT, 3.5A, Low Input Voltage, High-Efficiency Boost LDO
logo
Renesas Technology Corp
ISL9111 RENESAS-ISL9111 Datasheet
1Mb / 15P
   Low Input Voltage, High Efficiency Synchronous Boost Converter with 1A Switch
logo
Intersil Corporation
ISL9111 INTERSIL-ISL9111 Datasheet
1Mb / 15P
   Low Input Voltage, High Efficiency Synchronous Boost Converter with 1A Switch
logo
Texas Instruments
TPS61322 TI1-TPS61322 Datasheet
341Kb / 9P
[Old version datasheet]   6.5-uA Quiescent Current, 1.8-A Switch Current Boost Converter
TPS61322 TI1-TPS61322_18 Datasheet
1Mb / 29P
[Old version datasheet]   6.5-uA Quiescent Current, 1.8-A Switch Current Boost Converter
logo
Renesas Technology Corp
ISL9113A RENESAS-ISL9113A Datasheet
737Kb / 10P
   Low Input Voltage and High Efficiency, Synchronous Boost Converter with 1.3A Switch
logo
Intersil Corporation
ISL9113A INTERSIL-ISL9113A Datasheet
528Kb / 10P
   Low Input Voltage and High Efficiency, Synchronous Boost Converter with 1.3A Switch
January 4, 2017
logo
Renesas Technology Corp
ISL9113 RENESAS-ISL9113 Datasheet
1,003Kb / 15P
   Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
ISL78113A RENESAS-ISL78113A Datasheet
859Kb / 12P
   Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
logo
Intersil Corporation
ISL9113 INTERSIL-ISL9113 Datasheet
703Kb / 15P
   Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
February 23, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com