Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS3300 Datasheet(PDF) 5 Page - Touchstone Semiconductor Inc

Part # TS3300
Description  0.6-4.5VIN, 1.8-5.25VOUT, 3.5-uA, Low Input Voltage, High-Efficiency Boost LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS3300 Datasheet(HTML) 5 Page - Touchstone Semiconductor Inc

  TS3300 Datasheet HTML 1Page - Touchstone Semiconductor Inc TS3300 Datasheet HTML 2Page - Touchstone Semiconductor Inc TS3300 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS3300 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS3300 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS3300 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS3300 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS3300 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS3300 Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TS3300
TS3300DS r1p0
Page 5
RTFDS
IBO - mA
0.1
10
0
Boost Regulator
Efficiency vs Load Current
0.01
1
20
10
100
IREGOUT - mA
+0.4
-0.8
LDO Output Voltage Accuracy
vs Load Current
-0.2
25
50
0
75
100
150
VBI - V
1
120
0
Boost Regulator
Maximum Output Current vs VBI
( for VBO to drop 2.5%)
0.5
1.5
180
2
2.5
240
300
TYPICAL PERFORMANCE CHARACTERISTICS
VBI = 1.2V, VBO = 3V, VBEN = LOW, IBO = 0A, L = 10µH (LPS4018-103ML), CBO = 22µF, CBI = 22µF, VREGIN = VBO = 3V, VREGOUT = 1.8V,
IREGOUT = 0A, CREGOUT = 10µF unless otherwise noted. Values are at TA = 25°C unless otherwise noted.
30
40
-1.4
-2
-2.6
-3.2
-3.8
125
1.2VBI to 1.8VBO
1.2VBI to 3VBO
60
VBO =1.8V
VBO =3V
60
50
70
80
90
100
L: LPS4018-103ML
IREGOUT - mA
LDO Dropout Voltage vs
Load Current
0.6
0.4
0.2
25
50
0
75
100
0
40ºC
+85ºC
+25ºC
VREGOUT set to 1.8V
IREGOUT - mA
LDO Dropout Voltage vs
Load Current
0.15
0.1
0.05
25
50
0
75
100
0
-40ºC
+85ºC
+25ºC
VREGOUT set to 3V
0.2
IBO - mA
25
50
0.2
Inductor Peak Current vs
Load Current
0
75
0.4
0.5
0.3
100
0.6
0.8
0.9
0.7
1.2VBI to 1.8VBO
1.2VBI to 3VBO
1
1.1


Similar Part No. - TS3300

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS3300 SILABS-TS3300 Datasheet
1Mb / 12P
   High-Efficiency Boost Output Load Switch
logo
List of Unclassifed Man...
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
   High Efficiency Synchronous DC/DC Buck Converter
logo
Semtech Corporation
TS33000 SEMTECH-TS33000 Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
TS33000-M008QFNR SEMTECH-TS33000-M008QFNR Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
TS33000-M012QFNR SEMTECH-TS33000-M012QFNR Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
More results

Similar Description - TS3300

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS3300DB TOUCHSTONE-TS3300DB Datasheet
451Kb / 4P
   A 0.6-4.5VIN, 1.8-5.25VOUT, 3.5A, Low Input Voltage, High-Efficiency Boost LDO
logo
Renesas Technology Corp
ISL9111 RENESAS-ISL9111 Datasheet
1Mb / 15P
   Low Input Voltage, High Efficiency Synchronous Boost Converter with 1A Switch
logo
Intersil Corporation
ISL9111 INTERSIL-ISL9111 Datasheet
1Mb / 15P
   Low Input Voltage, High Efficiency Synchronous Boost Converter with 1A Switch
logo
Texas Instruments
TPS61322 TI1-TPS61322 Datasheet
341Kb / 9P
[Old version datasheet]   6.5-uA Quiescent Current, 1.8-A Switch Current Boost Converter
TPS61322 TI1-TPS61322_18 Datasheet
1Mb / 29P
[Old version datasheet]   6.5-uA Quiescent Current, 1.8-A Switch Current Boost Converter
logo
Renesas Technology Corp
ISL9113A RENESAS-ISL9113A Datasheet
737Kb / 10P
   Low Input Voltage and High Efficiency, Synchronous Boost Converter with 1.3A Switch
logo
Intersil Corporation
ISL9113A INTERSIL-ISL9113A Datasheet
528Kb / 10P
   Low Input Voltage and High Efficiency, Synchronous Boost Converter with 1.3A Switch
January 4, 2017
logo
Renesas Technology Corp
ISL9113 RENESAS-ISL9113 Datasheet
1,003Kb / 15P
   Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
ISL78113A RENESAS-ISL78113A Datasheet
859Kb / 12P
   Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
logo
Intersil Corporation
ISL9113 INTERSIL-ISL9113 Datasheet
703Kb / 15P
   Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
February 23, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com