Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NGTG50N60FLWG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NGTG50N60FLWG
Description  Insulated Gate Bipolar Transistor (IGBT)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGTG50N60FLWG Datasheet(HTML) 1 Page - ON Semiconductor

  NGTG50N60FLWG Datasheet HTML 1Page - ON Semiconductor NGTG50N60FLWG Datasheet HTML 2Page - ON Semiconductor NGTG50N60FLWG Datasheet HTML 3Page - ON Semiconductor NGTG50N60FLWG Datasheet HTML 4Page - ON Semiconductor NGTG50N60FLWG Datasheet HTML 5Page - ON Semiconductor NGTG50N60FLWG Datasheet HTML 6Page - ON Semiconductor NGTG50N60FLWG Datasheet HTML 7Page - ON Semiconductor NGTG50N60FLWG Datasheet HTML 8Page - ON Semiconductor NGTG50N60FLWG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2012
November, 2012 − Rev. 0
1
Publication Order Number:
NGTG50N60FLW/D
NGTG50N60FLWG
IGBT
This Insulated Gate Bipolar Transistor (IGBT) features a robust and
cost effective Trench construction, and provides superior performance
in demanding switching applications, offering both low on state
voltage and minimal switching loss.
Features
Low Saturation Voltage using Trench with Field Stop Technology
Low Switching Loss Reduces System Power Dissipation
Optimized for High Speed Switching
5 ms Short−Circuit Capability
These are Pb−Free Devices
Typical Applications
Power Factor Correction
Solar Inverters
Uninterruptable Power Supply (UPS)
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−emitter voltage
VCES
600
V
Collector current
@ TC = 25°C
@ TC = 100°C
IC
100
50
A
Pulsed collector current, Tpulse
limited by TJmax
ICM
200
A
Short−circuit withstand time
VGE = 15 V, VCE = 400 V,
TJ ≤ +150°C
tSC
5
ms
Gate−emitter voltage
VGE
$20
V
Power Dissipation
@ TC = 25°C
@ TC = 100°C
PD
223
89
W
Operating junction temperature
range
TJ
−55 to +150
°C
Storage temperature range
Tstg
−55 to +150
°C
Lead temperature for soldering, 1/8”
from case for 5 seconds
TSLD
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
TO−247
CASE 340L
STYLE 4
C
G
50 A, 600 V
VCEsat = 1.65 V
E
Device
Package
Shipping
ORDERING INFORMATION
NGTG50N60FLWG
TO−247
(Pb−Free)
30 Units / Rail
http://onsemi.com
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
MARKING DIAGRAM
G50N60FL
AYWWG
G
E
C


Similar Part No. - NGTG50N60FLWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGTG50N60FWG ONSEMI-NGTG50N60FWG Datasheet
176Kb / 9P
   Insulated Gate Bipolar Transistor (IGBT)
December, 2012 ??Rev. 0
More results

Similar Description - NGTG50N60FLWG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK854-800A PHILIPS-BUK854-800A Datasheet
60Kb / 7P
   Insulated Gate Bipolar Transistor IGBT
October 1994 Rev.1.100
logo
ON Semiconductor
NGTB30N60IHLWG ONSEMI-NGTB30N60IHLWG Datasheet
180Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
November, 2012 ??Rev. 0
NGTG30N60FLWG ONSEMI-NGTG30N60FLWG Datasheet
174Kb / 9P
   Insulated Gate Bipolar Transistor (IGBT)
January, 2013 ??Rev. 1
logo
NXP Semiconductors
BUK856-800A PHILIPS-BUK856-800A Datasheet
60Kb / 7P
   Insulated Gate Bipolar Transistor IGBT
March 1993 Rev 1.000
logo
ON Semiconductor
NGTB30N60FLWG ONSEMI-NGTB30N60FLWG Datasheet
182Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
December, 2012 ??Rev. 0
NGTB40N60IHLWG ONSEMI-NGTB40N60IHLWG Datasheet
184Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
November, 2012 ??Rev. 0
NGTB50N60FWG ONSEMI-NGTB50N60FWG Datasheet
183Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
December, 2012 ??Rev. 1
NGTG50N60FWG ONSEMI-NGTG50N60FWG Datasheet
176Kb / 9P
   Insulated Gate Bipolar Transistor (IGBT)
December, 2012 ??Rev. 0
NGTB30N60FWG ONSEMI-NGTB30N60FWG Datasheet
182Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
December, 2012 ??Rev. 1
NGTB50N60FLWG ONSEMI-NGTB50N60FLWG Datasheet
187Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
January, 2013 ??Rev. 1
NGTG30N60FWG ONSEMI-NGTG30N60FWG Datasheet
175Kb / 9P
   Insulated Gate Bipolar Transistor (IGBT)
December, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com