Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTS4500 Datasheet(PDF) 7 Page - DinTek Semiconductor Co,.Ltd

Part # DTS4500
Description  N-Channel 40 V (D-S) MOSFET Halogen-free
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTS4500 Datasheet(HTML) 7 Page - DinTek Semiconductor Co,.Ltd

  DTS4500 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTS4500 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTS4500 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTS4500 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTS4500 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTS4500 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTS4500 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTS4500 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd DTS4500 Datasheet HTML 9Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
1
SOT-23 (TO-236): 3-LEAD
b
E
E1
1
3
2
S
e
e1
D
A2
A
A1
C
Seating Plane
0.10 mm
0.004"
C
C
L1
L
q
Gauge Plane
Seating Plane
0.25 mm
Dim
MILLIMETERS
INCHES
Min
Max
Min
Max
A
0.89
1.12
0.035
0.044
A1
0.01
0.10
0.0004
0.004
A2
0.88
1.02
0.0346
0.040
b
0.35
0.50
0.014
0.020
c
0.085
0.18
0.003
0.007
D
2.80
3.04
0.110
0.120
E
2.10
2.64
0.083
0.104
E1
1.20
1.40
0.047
0.055
e
0.95 BSC
0.0374 Ref
e1
1.90 BSC
0.0748 Ref
L
0.40
0.60
0.016
0.024
L1
0.64 Ref
0.025 Ref
S
0.50 Ref
0.020 Ref
q
3°8°
3°8°
ECN: S-03946-Rev. K, 09-Jul-01
DWG: 5479
Package Information
www.din-tek.jp


Similar Part No. - DTS4500

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS4500 DINTEK-DTS4500 Datasheet
473Kb / 9P
   Halogen-free According to IEC 61249-2-21
More results

Similar Description - DTS4500

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTM4909 DINTEK-DTM4909 Datasheet
1Mb / 9P
   Dual P-Channel 40 V (D-S) MOSFET Halogen-free
DTS3400A DINTEK-DTS3400A Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET Halogen-free
DTL15N03 DINTEK-DTL15N03_13 Datasheet
1Mb / 8P
   N-Channel 30-V (D-S) MOSFET Halogen-free
DTS2312 DINTEK-DTS2312_13 Datasheet
397Kb / 9P
   N-Channel 20 V (D-S) MOSFET Halogen-free
DTS6504 DINTEK-DTS6504_13 Datasheet
2Mb / 9P
   N-Channel 30 V (D-S) MOSFET Halogen-free
DTU09N03 DINTEK-DTU09N03_13 Datasheet
1Mb / 8P
   N-Channel 30 V (D-S) MOSFET Halogen-free
DTU50N03 DINTEK-DTU50N03_13 Datasheet
1Mb / 8P
   N-Channel 30 V (D-S) MOSFET Halogen-free
DTP9530 DINTEK-DTP9530_13 Datasheet
2Mb / 8P
   N-Channel 30-V (D-S) MOSFET Halogen-free
DTS2N7002 DINTEK-DTS2N7002 Datasheet
1Mb / 8P
   N-Channel 60-V (D-S) MOSFET Halogen-free
DTE2312 DINTEK-DTE2312_13 Datasheet
1Mb / 8P
   N-Channel 20-V (D-S) MOSFET Halogen-free
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com