Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTS3401 Datasheet(PDF) 7 Page - DinTek Semiconductor Co,.Ltd

Part # DTS3401
Description  P-Channel 30-V (D-S) MOSFET Halogen-free
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTS3401 Datasheet(HTML) 7 Page - DinTek Semiconductor Co,.Ltd

  DTS3401_13 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTS3401_13 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTS3401_13 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTS3401_13 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTS3401_13 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTS3401_13 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTS3401_13 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTS3401_13 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
1
RECOMMENDED MINIMUM PADS FOR SOT-23
Recommended Minimum Pads
Dimensions in Inches/(mm)
0.022
(0.559)
0.037
(0.950)
0.053
(1.341)
0.097
(2.459)
Return to Index
Return to Index
Application Note
www.din-tek.jp


Similar Part No. - DTS3401_13

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS3401A DINTEK-DTS3401A Datasheet
387Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTS3401A DINTEK-DTS3401A Datasheet
465Kb / 9P
   P-Channel 30-V (D-S) MOSFET Halogen-free
DTS3401A DINTEK-DTS3401A_13 Datasheet
465Kb / 9P
   P-Channel 30-V (D-S) MOSFET Halogen-free
More results

Similar Description - DTS3401_13

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTL15P03 DINTEK-DTL15P03_13 Datasheet
1Mb / 8P
   P-Channel 30-V (D-S) MOSFET Halogen-free
DTS3401A DINTEK-DTS3401A_13 Datasheet
465Kb / 9P
   P-Channel 30-V (D-S) MOSFET Halogen-free
DTC3059 DINTEK-DTC3059_13 Datasheet
1Mb / 8P
   P-Channel 30-V (D-S) MOSFET Halogen-free
DTM4431 DINTEK-DTM4431 Datasheet
1Mb / 9P
   P-Channel 30 V (D-S) MOSFET Halogen-free
DTM9435 DINTEK-DTM9435_13 Datasheet
1Mb / 8P
   P-Channel 30-V (D-S) MOSFET Halogen-free
DTM4425 DINTEK-DTM4425_13 Datasheet
1Mb / 9P
   P-Channel 30-V (D-S) MOSFET Halogen-free
DTS6503 DINTEK-DTS6503_13 Datasheet
2Mb / 9P
   P-Channel 30-V (D-S) MOSFET Halogen-free
DTU15P03 DINTEK-DTU15P03_13 Datasheet
1Mb / 9P
   P-Channel 30-V (D-S) MOSFET Halogen-free
DTM4953A DINTEK-DTM4953A Datasheet
1Mb / 7P
   Dual P-Channel 30-V (D-S) MOSFET Halogen-free
DTM4925 DINTEK-DTM4925 Datasheet
1Mb / 9P
   Dual P-Channel 30-V (D-S) MOSFET Halogen-free
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com