Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDD01N60T4G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NDD01N60T4G
Description  N-Channel Power MOSFET 600 V, 8.5 ohm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NDD01N60T4G Datasheet(HTML) 5 Page - ON Semiconductor

  NDD01N60T4G Datasheet HTML 1Page - ON Semiconductor NDD01N60T4G Datasheet HTML 2Page - ON Semiconductor NDD01N60T4G Datasheet HTML 3Page - ON Semiconductor NDD01N60T4G Datasheet HTML 4Page - ON Semiconductor NDD01N60T4G Datasheet HTML 5Page - ON Semiconductor NDD01N60T4G Datasheet HTML 6Page - ON Semiconductor NDD01N60T4G Datasheet HTML 7Page - ON Semiconductor NDD01N60T4G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NDD01N60, NDT01N60
http://onsemi.com
5
TYPICAL CHARACTERISTICS
Figure 13. Thermal Impedance (Junction−to−Case) for NDD01N60
PULSE TIME (sec)
0.01
0.001
10
100
0.0001
0.00001
1000
0.000001
0.01
0.1
1
10
Figure 14. Thermal Impedance (Junction−to−Ambient) for NDT01N60
PULSE TIME (sec)
0.01
0.1
1
10
100
0.1
1
0.01
0.001
10
100
0.0001
0.00001
1000
0.000001
0.1
1
Single Pulse
50% Duty Cycle
20%
10%
5%
2%
1%
Single Pulse
50% Duty Cycle
20%
10%
5%
2%
1%


Similar Part No. - NDD01N60T4G

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NDD01N60T4G VBSEMI-NDD01N60T4G Datasheet
1Mb / 9P
   N-Channel 650V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
NDD01N60T4G DOINGTER-NDD01N60T4G Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - NDD01N60T4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NDD01N60-1G ONSEMI-NDD01N60-1G Datasheet
136Kb / 8P
   N-Channel Power MOSFET 600 V, 8.5
January, 2013 ??Rev. 2
NDF04N60ZH ONSEMI-NDF04N60ZH Datasheet
140Kb / 9P
   N-Channel Power MOSFET 600 V, 2.0 Ohm
June, 2013 ??Rev. 8
NDF10N60ZH ONSEMI-NDF10N60ZH Datasheet
119Kb / 8P
   N-Channel Power MOSFET 600 V, 0.75 Ohm
February, 2012 ??Rev. 10
NDF06N60ZH ONSEMI-NDF06N60ZH Datasheet
116Kb / 8P
   N-Channel Power MOSFET 600 V, 1.2 
February, 2013 ??Rev. 6
NDF03N60Z ONSEMI-NDF03N60Z Datasheet
167Kb / 10P
   N-Channel Power MOSFET 600 V, 3.3 
April, 2010 ??Rev. 3
NDF08N60Z ONSEMI-NDF08N60Z Datasheet
118Kb / 6P
   N-Channel Power MOSFET 600 V, 0.95 ?
July, 2010 ??Rev. 0
NDF02N60ZH ONSEMI-NDF02N60ZH Datasheet
146Kb / 10P
   N-Channel Power MOSFET 600 V, 4.8 
July, 2013 ??Rev. 7
NDF03N60ZH ONSEMI-NDF03N60ZH Datasheet
137Kb / 10P
   N-Channel Power MOSFET 600 V, 3.6 
July, 2013 ??Rev. 7
NDF02N60Z ONSEMI-NDF02N60Z Datasheet
168Kb / 10P
   N-Channel Power MOSFET 600 V, 4.0 
April, 2010 ??Rev. 2
logo
Fairchild Semiconductor
FQU5N60CTU FAIRCHILD-FQU5N60CTU Datasheet
1Mb / 9P
   N-Channel QFET MOSFET 600 V, 2.8 A, 2.5 Ohm
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com