Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDD01N60 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NDD01N60
Description  N-Channel Power MOSFET 600 V, 8.5 ohm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NDD01N60 Datasheet(HTML) 2 Page - ON Semiconductor

  NDD01N60 Datasheet HTML 1Page - ON Semiconductor NDD01N60 Datasheet HTML 2Page - ON Semiconductor NDD01N60 Datasheet HTML 3Page - ON Semiconductor NDD01N60 Datasheet HTML 4Page - ON Semiconductor NDD01N60 Datasheet HTML 5Page - ON Semiconductor NDD01N60 Datasheet HTML 6Page - ON Semiconductor NDD01N60 Datasheet HTML 7Page - ON Semiconductor NDD01N60 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NDD01N60, NDT01N60
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS =0V, ID =1mA
600
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
Reference to 25°C, ID = 1 mA
660
mV/°C
Drain−to−Source Leakage Current
IDSS
VDS = 600 V, VGS =0V
TJ =25°C
1
mA
TJ = 125°C
50
Gate−to−Source Leakage Current
IGSS
VGS = ±20 V
±100
nA
ON CHARACTERISTICS (Note 6)
Gate Threshold Voltage
VGS(TH)
VDS =VGS, ID =50 mA
2.2
3.3
3.7
V
Negative Threshold Temperature Coef-
ficient
VGS(TH)/TJ
7.0
mV/°C
Static Drain-to-Source On Resistance
RDS(on)
VGS =10V, ID = 0.2 A
8.0
8.5
W
Forward Transconductance
gFS
VDS =15V, ID = 0.2 A
0.9
S
CHARGES, CAPACITANCES & GATE RESISTANCES
Input Capacitance (Note 7)
Ciss
VDS =25V, VGS = 0 V, f = 1 MHz
160
pF
Output Capacitance (Note 7)
Coss
22
Reverse Transfer Capacitance (Note 7)
Crss
4.0
Total Gate Charge (Note 7)
Qg
VDS = 300 V, ID = 0.4 A, VGS =10V
7.2
nC
Gate-to-Source Charge (Note 7)
Qgs
1.2
Gate-to-Drain Charge (Note 7)
Qgd
3.1
Plateau Voltage
VGP
4.5
V
Gate Resistance
Rg
6.7
W
SWITCHING CHARACTERISTICS (Note 8)
Turn-on Delay Time
td(on)
VDD = 300 V, ID = 0.4 A,
VGS =10V, RG = 0 W
8.0
ns
Rise Time
tr
5.1
Turn-off Delay Time
td(off)
16.5
Fall Time
tf
21.3
DRAIN−SOURCE DIODE CHARACTERISTICS
Diode Forward Voltage
VSD
IS = 0.4 A, VGS =0V
TJ =25°C
0.78
1.6
V
TJ = 125°C
0.63
Reverse Recovery Time
trr
VGS =0V, VDD =30V
IS = 1.0 A, di/dt = 100 A/ms
179
ns
Charge Time
ta
37
Discharge Time
tb
141
Reverse Recovery Charge
Qrr
288
nC
6. Pulse Width ≤ 300 ms, Duty Cycle ≤ 2%.
7. Guaranteed by design.
8. Switching characteristics are independent of operating junction temperatures.
ORDERING INFORMATION
Device
Package
Shipping
NDD01N60−1G
IPAK
(Pb-Free, Halogen-Free)
75 Units / Rail
NDD01N60T4G
DPAK
(Pb-Free, Halogen-Free)
2500 / Tape & Reel
NDT01N60T1G
SOT−223
(Pb-Free, Halogen-Free)
1000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NDD01N60

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NDD01N60 ONSEMI-NDD01N60 Datasheet
136Kb / 8P
   N-Channel Power MOSFET 600 V, 8.5
January, 2013 ??Rev. 2
logo
VBsemi Electronics Co.,...
NDD01N60 VBSEMI-NDD01N60 Datasheet
1Mb / 9P
   N-Channel 650V (D-S) MOSFET
logo
Inchange Semiconductor ...
NDD01N60 ISC-NDD01N60 Datasheet
298Kb / 2P
   isc N-Channel MOSFET Transistor
NDD01N60-1 ISC-NDD01N60-1 Datasheet
317Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
NDD01N60-1G ONSEMI-NDD01N60-1G Datasheet
136Kb / 8P
   N-Channel Power MOSFET 600 V, 8.5
January, 2013 ??Rev. 2
More results

Similar Description - NDD01N60

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NDD01N60-1G ONSEMI-NDD01N60-1G Datasheet
136Kb / 8P
   N-Channel Power MOSFET 600 V, 8.5
January, 2013 ??Rev. 2
NDF04N60ZH ONSEMI-NDF04N60ZH Datasheet
140Kb / 9P
   N-Channel Power MOSFET 600 V, 2.0 Ohm
June, 2013 ??Rev. 8
NDF10N60ZH ONSEMI-NDF10N60ZH Datasheet
119Kb / 8P
   N-Channel Power MOSFET 600 V, 0.75 Ohm
February, 2012 ??Rev. 10
NDF06N60ZH ONSEMI-NDF06N60ZH Datasheet
116Kb / 8P
   N-Channel Power MOSFET 600 V, 1.2 
February, 2013 ??Rev. 6
NDF03N60Z ONSEMI-NDF03N60Z Datasheet
167Kb / 10P
   N-Channel Power MOSFET 600 V, 3.3 
April, 2010 ??Rev. 3
NDF08N60Z ONSEMI-NDF08N60Z Datasheet
118Kb / 6P
   N-Channel Power MOSFET 600 V, 0.95 ?
July, 2010 ??Rev. 0
NDF02N60ZH ONSEMI-NDF02N60ZH Datasheet
146Kb / 10P
   N-Channel Power MOSFET 600 V, 4.8 
July, 2013 ??Rev. 7
NDF03N60ZH ONSEMI-NDF03N60ZH Datasheet
137Kb / 10P
   N-Channel Power MOSFET 600 V, 3.6 
July, 2013 ??Rev. 7
NDF02N60Z ONSEMI-NDF02N60Z Datasheet
168Kb / 10P
   N-Channel Power MOSFET 600 V, 4.0 
April, 2010 ??Rev. 2
logo
Fairchild Semiconductor
FQU5N60CTU FAIRCHILD-FQU5N60CTU Datasheet
1Mb / 9P
   N-Channel QFET MOSFET 600 V, 2.8 A, 2.5 Ohm
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com