Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC49USM8-JI5318-20.000 Datasheet(PDF) 2 Page - ILSI America LLC

Part # HC49USM8-JI5318-20.000
Description  4 Pad Metal Package Quartz Crystal, 4.8 mm x 12.5 mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

HC49USM8-JI5318-20.000 Datasheet(HTML) 2 Page - ILSI America LLC

  HC49USM8-JI5318-20.000 Datasheet HTML 1Page - ILSI America LLC HC49USM8-JI5318-20.000 Datasheet HTML 2Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
`
4 Pad Metal Package Quartz Crystal, 4.8 mm x 12.5 mm
HC49USM4 Series
ILSI America Phone: 775-851-8880 • Fax: 775-851-8882• e-mail: e-mail@ilsiamerica.com • www.ilsiamerica.com
04/09_A
Specifications subject to change without notice
Page 2
Pb Free Solder Reflow Profile:
Typical Circuit:
*Units are backward compatible with 240C reflow processes
Package Information:
MSL = N/A
Termination = e1 (Sn / Cu / Ag over Ni over Kovar base metal).
Tape and Reel Information:
Environmental Specifications
Thermal Shock
MIL-STD-883, Method 1011, Condition A
Moisture Resistance
MIL-STD-883, Method 1004
Mechanical Shock
MIL-STD-883, Method 2002, Condition B
Mechanical Vibration
MIL-STD-883, Method 2007, Condition A
Resistance to Soldering Heat
J-STD-020C, Table 5-2 Pb-free devices (except 2 cycles max)
Hazardous Substance
Pb-Free / RoHS / Green Compliant
Solderability
JESD22-B102-D Method 2 (Preconditioning E)
Terminal Strength
MIL-STD-883, Method 2004, Test Condition D
Gross Leak
MIL-STD-883, Method 1014, Condition C
Fine Leak
MIL-STD-883, Method 1014, Condition A2, R1=2x10-8 atm cc/s
Solvent Resistance
MIL-STD-202, Method 215
Marking
Line 1: ILSI, Frequency, Date Code
Quantity per
Reel
1000
A
24 +/-.3
B
12 +/-.2
C
11.5 +/-.2
D
25 +/-1.5
E
80 / 100
F
330


Similar Part No. - HC49USM8-JI5318-20.000

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
HC49USM ILSI-HC49USM Datasheet
65Kb / 2P
   2 Pad Metal Package, 4.7 mm x 13.3 mm
HC49USM-BB0F18-20.000 ILSI-HC49USM-BB0F18-20.000 Datasheet
54Kb / 2P
   2 Pad Metal Package, 4.7 mm x 13.3 mm
HC49USM-BB1F18-20.000 ILSI-HC49USM-BB1F18-20.000 Datasheet
54Kb / 2P
   2 Pad Metal Package, 4.7 mm x 13.3 mm
HC49USM-BB2F18-20.000 ILSI-HC49USM-BB2F18-20.000 Datasheet
54Kb / 2P
   2 Pad Metal Package, 4.7 mm x 13.3 mm
HC49USM-BB3F18-20.000 ILSI-HC49USM-BB3F18-20.000 Datasheet
54Kb / 2P
   2 Pad Metal Package, 4.7 mm x 13.3 mm
More results

Similar Description - HC49USM8-JI5318-20.000

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
IL3S ILSI-IL3S Datasheet
53Kb / 2P
   4 Pad Plastic Package Quartz Crystal, 4.6 mm x 12.5 mm
ILCX08 ILSI-ILCX08 Datasheet
53Kb / 2P
   4 Pad Ceramic Package Quartz Crystal, 3.5 mm x 6 mm
ILCX07 ILSI-ILCX07 Datasheet
46Kb / 2P
   4 Pad Ceramic Package Quartz Crystal, 3.2 mm x 5 mm
ILCX19 ILSI-ILCX19 Datasheet
46Kb / 2P
   4 Pad Ceramic Package Quartz Crystal, 1.6 mm x 2 mm
ILCX20 ILSI-ILCX20 Datasheet
46Kb / 2P
   4 Pad Ceramic Package Quartz Crystal, 1.2 mm x 1.6 mm
IL3M ILSI-IL3M Datasheet
45Kb / 2P
   4 Pad Plastic Package Quartz Crystal, 3.8 mm x 8 mm
ILCX09-BB0F18-20.000 ILSI-ILCX09-BB0F18-20.000 Datasheet
53Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 3.5 mm x 6 mm
ILCX10 ILSI-ILCX10 Datasheet
53Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 5 mm x 7 mm
IL3Y ILSI-IL3Y Datasheet
56Kb / 2P
   2 Pad Glass Package Quartz Crystal, 1.5 mm x 4.1 mm
ILCX03 ILSI-ILCX03 Datasheet
58Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 3.2 mm x 5 mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com