Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVX374 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. 74LVX374
Description  Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

74LVX374 Datasheet(HTML) 4 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 4: Parameter guaranteed by design. tOSLH |tPLHm  tPLHn|, tOSHL |tPHLm  tPHLn|
Capacitance
Note 5: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
(V)
Min
Typ
Max
Min
Max
fMAX
Maximum Clock
2.7
60
115
50
MHz
CL 15 pF
Frequency
45
60
40
CL 50 pF
3.3
r 0.3
100
160
85
CL 15 pF
60
95
55
CL 50 pF
tPLH
Propagation Delay Time
2.7
8.5
16.3
1.0
19.5
ns
CL 15 pF
tPHL
CP to On
11.0
19.8
1.0
23.0
CL 50 pF
3.3
r 0.3
6.7
10.6
1.0
12.5
CL 15 pF
9.214.11.0
16.0
CL 50 pF
tPZL
3-STATE Output
2.7
7.6
14.5
1.0
17.5
ns
CL 15 pF, RL 1 k:
tPZH
Enable Time
10.1
18.0
1.0
21.0
CL 50 pF, RL 1 k:
3.3
r 0.3
5.9
9.3
1.0
11.0
CL 15 pF, RL 1 k:
8.412.81.0
14.5
CL 50 pF, RL 1 k:
tPLZ
3-STATE Output
2.7
11.5
18.5
1.0
22.0
ns
CL 50 pF, RL 1 k:
tPHZ
Disable Time
3.3
r 0.3
9.6
13.2
1.0
15.0
CL 50 pF, RL 1 k:
tW
CP Pulse
2.7
7.5
8.0
ns
Width
3.3
r 0.3
5.0
5.5
tS
Setup Time
2.7
6.5
6.5
ns
Dn to CP
3.3
r 0.3
4.5
4.5
tH
Hold Time
2.7
2.0
2.0
ns
Dn to CP
3.3
r 0.3
2.0
2.0
tOSLH
Output to Output
2.7
1.5
1.5
ns
CL 50 pF
tOSHL
Skew (Note 4)
3.3
1.5
1.5
Symbol
Parameter
TA 25qCTA 40qC to 85qC
Units
Min
Typ
Max
Min
Max
CIN
Input Capacitance
4
10
10
pF
COUT
Output Capacitance
6
pF
CPD
Power Dissipation
32
pF
Capacitance (Note 5)


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn