Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQH43CN1R0M03 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # LQH43CN1R0M03
Description  Chip Coils for Choke Wire Wound Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQH43CN1R0M03 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  LQH43CN1R0M03 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQH43CN1R0M03 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Continued from the preceding page.
http://www.murata.com/
Data Sheet
! Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
2
o This data sheet is applied for CHIP COIL used for General Electronics equipment for your design.
2007.9.6
0.01
0.1
1
100
10
100
1000
10
1
0.1
0.01
1000
Frequency (MHz)
1.0
µH
100
µH
10
µH
1
10
100
10000
1000
1000
100
10
1
0.1
DC Current (mA)
100
µH
10
µH
1.0
µH
Coils/Inductors/Microchip Transformer > Chip Coils > for Choke Wire Wound Type
I Impedance - Frequency Characteristics (Typ.)
I Inductance - Current Characteristics (Typ.)
!Caution (Rating)
Do not use products beyond the rated current as
this may create excessive heat.
Notice
Solderability of Tin plating termination chip might be
deteriorated when low temperature soldering profile
where peak solder temperature is below the Tin melting
point is used. Please confirm the solderability of Tin
plating termination chip before use.
I !Caution/Notice


Similar Part No. - LQH43CN1R0M03

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH43CN1R0M03 MURATA-LQH43CN1R0M03 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
LQH43CN1R0M03 MURATA-LQH43CN1R0M03 Datasheet
49Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH43CN1R0M03L MURATA-LQH43CN1R0M03L Datasheet
49Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH43CN1R0M03p MURATA-LQH43CN1R0M03p Datasheet
49Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH43CN1R0M03p MURATA-LQH43CN1R0M03p Datasheet
49Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke) LQH43C_03 Series (1812 Size)
More results

Similar Description - LQH43CN1R0M03

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH31CN1R0M03L MURATA-LQH31CN1R0M03L Datasheet
47Kb / 2P
   Chip Coils for Choke Wire Wound Type
LQH55DN102M03L MURATA-LQH55DN102M03L Datasheet
62Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH55DN1R0M03L MURATA-LQH55DN1R0M03L Datasheet
62Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQW18CN85NJ00D MURATA-LQW18CN85NJ00D Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH32CN220K23L MURATA-LQH32CN220K23L Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH66S MURATA-LQH66S Datasheet
62Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH43CN1R0M03L MURATA-LQH43CN1R0M03L Datasheet
49Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH43CN680K03L MURATA-LQH43CN680K03L Datasheet
49Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH55DN100M03L MURATA-LQH55DN100M03L Datasheet
62Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH43CN100K03L MURATA-LQH43CN100K03L Datasheet
49Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com