Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTS2301S Datasheet(PDF) 1 Page - DinTek Semiconductor Co,.Ltd

Part # DTS2301S
Description  P-Channel 20 V (D-S) 175 C MOSFET Halogen-free
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTS2301S Datasheet(HTML) 1 Page - DinTek Semiconductor Co,.Ltd

  DTS2301S_13 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTS2301S_13 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTS2301S_13 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTS2301S_13 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTS2301S_13 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTS2301S_13 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTS2301S_13 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTS2301S_13 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd DTS2301S_13 Datasheet HTML 9Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
P-Channel 20 V (D-S) 175 °C MOSFET
FEATURES
• Halogen-free According to IEC 61249-2-21
Definition
•TrenchFET® Power MOSFET
• AEC-Q101 Qualifiedd
•100 % Rg and UIS Tested
• Compliant to RoHS Directive 2002/95/EC
Notes
a. Package limited.
b. Pulse test; pulse width
 300 μs, duty cycle  2 %.
c. When mounted on 1" square PCB (FR-4 material).
d. Parametric verification ongoing.
PRODUCT SUMMARY
VDS (V)
- 20
RDS(on) () at VGS = - 4.5 V
0.105
RDS(on) () at VGS = - 2.5 V
0.130
ID (A)
- 3
Configuration
Single
S
G
D
P-Channel MOSFET
G
TO-236
(SOT-23)
S
D
Top View
2
3
1
DTS2301S
ORDERING INFORMATION
Package
SOT-23
Lead (Pb)-free and Halogen-free
DTS2301S
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
- 20
V
Gate-Source Voltage
VGS
± 8
Continuous Drain Current
TC = 25 °C
ID
- 3
A
TC = 125 °C
- 2.2
Continuous Source Current (Diode Conduction)a
IS
- 3
Pulsed Drain Currentb
IDM
- 15
Single Pulse Avalanche Current
L = 0.1 mH
IAS
- 6
Single Pulse Avalanche Energy
EAS
4mJ
Maximum Power Dissipationb
TC = 25 °C
PD
3
W
TC = 125 °C
1
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 175
°C
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
LIMIT
UNIT
Junction-to-Ambient
PCB Mountc
RthJA
166
°C/W
Junction-to-Foot (Drain)
RthJF
50
DTS2301S
www.din-tek.jp


Similar Part No. - DTS2301S_13

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS2301S DINTEK-DTS2301S Datasheet
417Kb / 9P
   P-Channel 20 V (D-S) 175 MOSFET
More results

Similar Description - DTS2301S_13

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS4501 DINTEK-DTS4501_13 Datasheet
2Mb / 9P
   P-Channel 40 V (D-S) 175 C MOSFET Halogen-free
DTE2311 DINTEK-DTE2311_13 Datasheet
1Mb / 7P
   P-Channel 20-V (D-S) MOSFET Halogen-free
DTS2305 DINTEK-DTS2305_13 Datasheet
552Kb / 9P
   P-Channel 20 V (D-S) MOSFET Halogen-free
DTM9425 DINTEK-DTM9425 Datasheet
1Mb / 8P
   P-Channel 20-V (D-S) MOSFET Halogen-free
DTM4913 DINTEK-DTM4913 Datasheet
1Mb / 8P
   Dual P-Channel 20-V (D-S) MOSFET Halogen-free
logo
Vishay Siliconix
SQA401CEJW VISHAY-SQA401CEJW_V02 Datasheet
170Kb / 6P
   Automotive P-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ2351ES VISHAY-SQ2351ES Datasheet
222Kb / 10P
   Automotive P-Channel 20 V (D-S) 175 °C MOSFET
Rev. B, 01-Oct-12
SQ3425EV VISHAY-SQ3425EV Datasheet
271Kb / 12P
   Automotive P-Channel 20 V (D-S) 175 °C MOSFET
Rev. A, 12-Oct-15
SQ3469EV VISHAY-SQ3469EV_15 Datasheet
210Kb / 12P
   Automotive P-Channel 20 V (D-S) 175 °C MOSFET
Rev. A, 18-Jul-11
SQ2351ES VISHAY-SQ2351ES_15 Datasheet
202Kb / 10P
   Automotive P-Channel 20 V (D-S) 175 °C MOSFET
Rev. B, 01-Oct-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com