Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTS1003 Datasheet(PDF) 1 Page - DinTek Semiconductor Co,.Ltd

Part # DTS1003
Description  P-Channel 100-V (D-S) MOSFET Halogen-free
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTS1003 Datasheet(HTML) 1 Page - DinTek Semiconductor Co,.Ltd

  DTS1003 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTS1003 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTS1003 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTS1003 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTS1003 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTS1003 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTS1003 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTS1003 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
P-Channel 1
00-V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Available
TrenchFET® Power MOSFET
Ultra Low On-Resistance
Small Size
APPLICATIONS
Active Clamp Circuits in DC/DC Power Supplies
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
Qg (Typ.)
- 1
00
1.2 at VGS = - 10 V
- 0.69
7.7
1.3 at VGS = - 6.0 V
- 0.66
DTS1003
G
S
D
Top View
2
3
TO-236
(SOT-23)
1
Notes:
a. Surface Mounted on 1" x 1" FR4 board.
b. Pulse width limited by maximum junction temperature.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
5 s
Steady State
Unit
Drain-Source Voltage
VDS
-
100
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
a, b
TA = 25 °C
ID
- 0.69
- 0.53
A
TA = 70 °C
- 0.55
- 0.43
Pulsed Drain Current
IDM
- 1.6
Continuous Source Current (Diode Conduction)a, b
IS
- 1.0
- 0.6
Single Pulse Avalanche Current
L = 1.0 mH
IAS
4.5
Single Pulse Avalanche Energy
EAS
1.01
mJ
Maximum Power Dissipationa, b
TA = 25 °C
PD
1.25
0.75
W
TA = 70 °C
0.8
0.48
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta
t
≤ 5 s
RthJA
75
100
°C/W
Steady State
120
166
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
40
50
www.din-tek.jp
DTS1003


Similar Part No. - DTS1003

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS1004 DINTEK-DTS1004 Datasheet
1Mb / 9P
   N-Channel 100 V (D-S) MOSFET TrenchFET Power MOSFET
More results

Similar Description - DTS1003

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTU15P10 DINTEK-DTU15P10_13 Datasheet
606Kb / 9P
   P-Channel 100 V (D-S) MOSFET Halogen-free
DTU19P10 DINTEK-DTU19P10 Datasheet
1Mb / 8P
   P-Channel 100 V (D-S) MOSFET Halogen-free
DTL19P10 DINTEK-DTL19P10 Datasheet
1Mb / 8P
   P-Channel 100-V (D-S) MOSFET Halogen-free Option Available
DTL15P03 DINTEK-DTL15P03_13 Datasheet
1Mb / 8P
   P-Channel 30-V (D-S) MOSFET Halogen-free
DTS3401A DINTEK-DTS3401A_13 Datasheet
465Kb / 9P
   P-Channel 30-V (D-S) MOSFET Halogen-free
DTS7001 DINTEK-DTS7001 Datasheet
1Mb / 7P
   P-Channel 60 V (D-S) MOSFET Halogen-free
DTS64011 DINTEK-DTS64011 Datasheet
437Kb / 7P
   P-Channel 60 V (D-S) MOSFET Halogen-free
DTC3059 DINTEK-DTC3059_13 Datasheet
1Mb / 8P
   P-Channel 30-V (D-S) MOSFET Halogen-free
DTM4431 DINTEK-DTM4431 Datasheet
1Mb / 9P
   P-Channel 30 V (D-S) MOSFET Halogen-free
DTM9435 DINTEK-DTM9435_13 Datasheet
1Mb / 8P
   P-Channel 30-V (D-S) MOSFET Halogen-free
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com