Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTS03K16 Datasheet(PDF) 3 Page - DinTek Semiconductor Co,.Ltd

Part # DTS03K16
Description  N-Channel 16V (D?뭆) MOSFET TrenchFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTS03K16 Datasheet(HTML) 3 Page - DinTek Semiconductor Co,.Ltd

  DTS03K16 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTS03K16 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTS03K16 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTS03K16 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTS03K16 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTS03K16 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTS03K16 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTS03K16 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
10
20
30
40
50
0
4
8
12
16
20
0.6
0.8
1.0
1.2
1.4
1.6
−50
−25
0
25
50
75
100
125
150
0
2
4
6
8
10
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.3
0.6
0.9
1.2
1.5
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
VDS − Drain-to-Source Voltage (V)
Crss
Coss
Ciss
VDS = 16 V
ID = 0.3 A
ID − Drain Current (A)
VGS = 4.5 V
ID = 0.1 A
VGS = 8 V
Gate Charge
On-Resistance vs. Drain Current
Qg − Total Gate Charge (nC)
Capacitance
On-Resistance vs. Junction Temperature
TJ − Junction Temperature (_C)
0.0
0.4
0.8
1.2
1.6
2.0
2.4
0
4
8
12
14
16
TJ = 150_C
TJ = 25_C
ID = 0.3 A
3
0.1
0.001
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
VSD − Source-to-Drain Voltage (V)
VGS − Gate-to-Source Voltage (V)
VGS = 4.5 V
VGS = 8 V
ID = 0.3 A
1
0.01
www.din-tek.jp
DTS03K16


Similar Part No. - DTS03K16

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS03K16 DINTEK-DTS03K16 Datasheet
336Kb / 8P
   N-Channel16 ?뭋 (D?뭆) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com