Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH6156-1X001T Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SFH6156-1X001T
Description  Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6156-1X001T Datasheet(HTML) 2 Page - Vishay Siliconix

  SFH6156-1X001T Datasheet HTML 1Page - Vishay Siliconix SFH6156-1X001T Datasheet HTML 2Page - Vishay Siliconix SFH6156-1X001T Datasheet HTML 3Page - Vishay Siliconix SFH6156-1X001T Datasheet HTML 4Page - Vishay Siliconix SFH6156-1X001T Datasheet HTML 5Page - Vishay Siliconix SFH6156-1X001T Datasheet HTML 6Page - Vishay Siliconix SFH6156-1X001T Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Not Recommended for New Designs
SFH6156
www.vishay.com
Vishay Semiconductors
Rev. 2.4, 14-Jan-13
2
Document Number: 83671
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
maximum ratings for extended periods of the time can adversely affect reliability.
(1) Refer to reflow profile for soldering conditions for surface mounted devices (SMD).
Fig. 1 - Permissible Power Dissipation vs. Ambient Temperature
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
6V
DC forward current
IF
60
mA
Surge forward current
tp  10 μs
IFSM
2.5
A
OUTPUT
Collector emitter voltage
VCEO
70
V
Emitter collector voltage
VECO
7V
Collector current
IC
50
mA
tp  1 ms
IC
100
mA
COUPLER
Isolation test voltage
between emitter and detector
t = 1 s
VISO
5300
VRMS
Creepage distance
7mm
Clearance distance
7mm
Insulation thickness between emitter and detector
0.4
mm
Comparative tracking index per
DIN IEC112/VDE0303 part 1
CTI
175
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
1012
VIO = 500 V, Tamb = 100 °C
RIO
1011
Storage temperature range
Tstg
- 55 to + 150
°C
Ambient temperature range
Tamb
- 55 to +100
°C
Soldering temperature (1)
max. 10 s
Tsld
260
°C
0
50
100
150
200
0
255075
100
125
150
18483
Phototransistor
Diode
T
amb - Ambient Temperature (°C)


Similar Part No. - SFH6156-1X001T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6156-1X001T VISHAY-SFH6156-1X001T Datasheet
131Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.6, 26-Jun-13
SFH6156-1X001T VISHAY-SFH6156-1X001T Datasheet
154Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.8, 21-Apr-17
SFH6156-1X001T VISHAY-SFH6156-1X001T Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2022
More results

Similar Description - SFH6156-1X001T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO617A-2X017T VISHAY-VO617A-2X017T Datasheet
189Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.3, 28-Oct-14
SFH6106-2T VISHAY-SFH6106-2T Datasheet
159Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.2, 23-May-13
SFH6156 VISHAY-SFH6156 Datasheet
148Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.7, 19-Oct-15
SFH610A VISHAY-SFH610A Datasheet
659Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.9, 23-Mar-06
SFH615A-3X018T VISHAY-SFH615A-3X018T_V02 Datasheet
133Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6156 VISHAY-SFH6156_V01 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2022
SFH615AA VISHAY-SFH615AA_08 Datasheet
116Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.6, 10-Jan-08
SFH615A VISHAY-SFH615A_15 Datasheet
197Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.4, 31-Aug-15
SFH6156 VISHAY-SFH6156_V02 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6106-4T VISHAY-SFH6106-4T Datasheet
163Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.0, 10-Dec-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com