Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTM4953BDY Datasheet(PDF) 6 Page - DinTek Semiconductor Co,.Ltd

Part # DTM4953BDY
Description  Dual P-Channel 30 V (D-S) MOSFET TrenchFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTM4953BDY Datasheet(HTML) 6 Page - DinTek Semiconductor Co,.Ltd

  DTM4953BDY Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTM4953BDY Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTM4953BDY Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTM4953BDY Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTM4953BDY Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTM4953BDY Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTM4953BDY Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTM4953BDY Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd DTM4953BDY Datasheet HTML 9Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
THERMAL RATINGS (TA = 25 °C, unless otherwise noted)
Normalized Thermal Transient Impedance, Junction-to-Foot
Note
• The characteristics shown in the two graphs
- Normalized Transient Thermal Impedance Junction-to-Ambient (25 °C)
- Normalized Transient Thermal Impedance Junction-to-Foot (25 °C)
are given for general guidelines only to enable the user to get a “ball park” indication of part capabilities. The data are extracted from single
pulse transient thermal impedance characteristics which are developed from empirical measurements. The latter is valid for the part
mounted on printed circuit board - FR4, size 1" x 1" x 0.062", double sided with 2 oz. copper, 100 % on both sides. The part capabilities
can widely vary depending on actual application parameters and operating conditions.
10-3
10-2
110
10-1
10-4
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
www.din-tek.jp
DTM4953BDY


Similar Part No. - DTM4953BDY

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTM4953 DINTEK-DTM4953 Datasheet
309Kb / 9P
   Dual P-Channel 30 V (D-S) MOSFET
DTM4953 DINTEK-DTM4953 Datasheet
1Mb / 9P
   Dual P-Channel 30 V (D-S) MOSFET TrenchFET Power MOSFET
DTM4953A DINTEK-DTM4953A Datasheet
1Mb / 7P
   Dual P-Channel 30-V (D-S) MOSFET Halogen-free
DTM4953 DINTEK-DTM4953_13 Datasheet
1Mb / 9P
   Dual P-Channel 30 V (D-S) MOSFET TrenchFET Power MOSFET
More results

Similar Description - DTM4953BDY

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTM4953 DINTEK-DTM4953_13 Datasheet
1Mb / 9P
   Dual P-Channel 30 V (D-S) MOSFET TrenchFET Power MOSFET
DTM4407 DINTEK-DTM4407 Datasheet
2Mb / 9P
   P-Channel 30-V (D-S) MOSFET TrenchFET Power MOSFET
DTL40P03 DINTEK-DTL40P03 Datasheet
1Mb / 8P
   P-Channel 30-V (D-S) MOSFET TrenchFET Power MOSFET
DTM4459 DINTEK-DTM4459 Datasheet
1Mb / 9P
   P-Channel 30-V (D-S) MOSFET TrenchFET Power MOSFET
DTM4485 DINTEK-DTM4485 Datasheet
1Mb / 9P
   P-Channel 30-V (D-S) MOSFET TrenchFET Power MOSFET
DTM4435 DINTEK-DTM4435_13 Datasheet
1Mb / 8P
   P-Channel 30-V (D-S) MOSFET TrenchFET Power MOSFET
DTS3407 DINTEK-DTS3407 Datasheet
845Kb / 9P
   P-Channel 30 V (D-S) MOSFET TrenchFET Power MOSFET
DTU90N03 DINTEK-DTU90N03_13 Datasheet
1Mb / 8P
   N-Channel 30-V (D-S) MOSFET TrenchFET Power MOSFET
DTP0403 DINTEK-DTP0403_13 Datasheet
1Mb / 7P
   N-Channel 30-V (D-S) MOSFET TrenchFET Power MOSFET
DTB3055 DINTEK-DTB3055 Datasheet
1Mb / 8P
   N-Channel 30 V (D-S) MOSFET TrenchFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com