Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVX240 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. 74LVX240
Description  Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX240 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74LVX240 Datasheet HTML 1Page - Fairchild Semiconductor 74LVX240 Datasheet HTML 2Page - Fairchild Semiconductor 74LVX240 Datasheet HTML 3Page - Fairchild Semiconductor 74LVX240 Datasheet HTML 4Page - Fairchild Semiconductor 74LVX240 Datasheet HTML 5Page - Fairchild Semiconductor 74LVX240 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2005 Fairchild Semiconductor Corporation
DS011609
www.fairchildsemi.com
May 1993
Revised March 2005
74LVX240
Low Voltage Octal Buffer/Line Driver with
3-STATE Outputs
General Description
The LVX240 is an octal inverting buffer and line driver
designed to be employed as a memory address driver,
clock driver and bus oriented transmitter or receiver which
provides improved PC board density. The inputs tolerate up
to 7V allowing interface of 5V systems to 3V systems.
Features
s Input voltage translation from 5V to 3V
s Ideal for low power/low noise 3.3V applications
s Guaranteed simultaneous switching noise level and
dynamic threshold performance
Ordering Code:
Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Logic Symbol
IEEE/IEC
Connection Diagram
Pin Descriptions
Truth Tables
H
HIGH Voltage Level
L
LOW Voltage Level
X
Immaterial
Z
High Impedance
Order Number
Package Number
Package Description
74LVX240M
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74LVX240SJ
M20D
Pb-Free 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74LVX240MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Pin Names
Description
OE1, OE2
3-STATE Output Enable Inputs
I0–I7
Inputs
O0–O7
Outputs
Inputs
Outputs
OE1
In
(Pins 12, 14, 16, 18)
L
L
H
L
H
L
H
X
Z
Inputs
Outputs
OE2
In
(Pins 3, 5, 7, 9)
L
L
H
L
H
L
H
X
Z


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn