Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVX240 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. 74LVX240
Description  Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX240 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74LVX240 Datasheet HTML 1Page - Fairchild Semiconductor 74LVX240 Datasheet HTML 2Page - Fairchild Semiconductor 74LVX240 Datasheet HTML 3Page - Fairchild Semiconductor 74LVX240 Datasheet HTML 4Page - Fairchild Semiconductor 74LVX240 Datasheet HTML 5Page - Fairchild Semiconductor 74LVX240 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
Note 4: Parameter guaranteed by design. tOSLH
|t PLHm  tPLHn|, tOSHL |t PHLm  tPHLn|
Capacitance
Note 5: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Symbol
Parameter
VCC
TA 25qC
TA 40qC to 85qC
Units
Conditions
(V)
Min
Typ
Max
Min
Max
tPLH
Propagation
2.7
5.7
10.1
1.0
12.5
ns
CL 15 pF
tPHL
Delay Time
8.2
13.6
1.0
16.0
CL 50 pF
3.3
r 0.3
4.3
6.2
1.0
7.5
CL 15 pF
6.8
9.7
1.0
11.0
CL 50 pF
tPZL
3-STATE Output
2.7
7.1
13.8
1.0
16.5
ns
CL 15 pF, RL 1 k:
tPZH
Enable Time
9.6
17.3
1.0
20.0
CL 50 pF, RL 1 k:
3.3
r 0.3
5.5
8.8
1.0
10.5
CL 15 pF, RL 1 k:
8.0
12.3
1.0
14.0
CL 50 pF, RL 1 k:
tPLZ
3-STATE Output
2.7
11.6
16.0
1.0
19.0
ns
CL 50 pF, RL 1 k:
tPHZ
Disable Time
3.3
r 0.3
9.7
11.4
1.0
13.0
CL 50 pF, RL 1 k:
tOSLH
Output to Output
2.7
1.5
1.5
ns
CL 50 pF
tOSHL
Skew (Note 4)
3.3
1.5
1.5
Symbol
Parameter
TA 25qCTA 40qC to 85qC
Units
Min
Typ
Max
Min
Max
CIN
Input Capacitance
4
10
10
pF
COUT
Output Capacitance
6
pF
CPD
Power Dissipation Capacitance (Note 5)
17
10
pF


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn