Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVX157MTC Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74LVX157MTC
Description  Low Voltage Quad 2-Input Multiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX157MTC Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74LVX157MTC Datasheet HTML 1Page - Fairchild Semiconductor 74LVX157MTC Datasheet HTML 2Page - Fairchild Semiconductor 74LVX157MTC Datasheet HTML 3Page - Fairchild Semiconductor 74LVX157MTC Datasheet HTML 4Page - Fairchild Semiconductor 74LVX157MTC Datasheet HTML 5Page - Fairchild Semiconductor 74LVX157MTC Datasheet HTML 6Page - Fairchild Semiconductor 74LVX157MTC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 4: Parameter guaranteed by design.
tOSLH = |tPLHm − tPLHn|.
tOSHL = |tPHLm − tPHLn|.
Capacitance
Note 5: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(opr.) = CPD × VCC × fIN + ICC
Symbol
Parameter
VCC
TA = +25°C
TA = −40°C to +85°C
Units
CL (pF)
(V)
Min
Typ
Max
Min
Max
tPLH
Propagation
2.7
6.6
12.5
1.0
15.5
ns
15
tPHL
Delay Time
9.1
16.0
1.0
19.0
50
I n to Zn
3.3
± 0.3
5.1
7.9
1.0
9.5
15
7.6
11.4
1.0
13.0
50
tPLH
Propagation
2.7
8.9
16.9
1.0
20.5
ns
15
tPHL
Delay Time
11.4
20.4
1.0
24.0
50
S to Zn
3.3
± 0.3
7.0
11.0
1.0
13.0
15
9.5
14.5
1.0
16.5
50
tPLH
tPHL
Propagation
2.7
9.1
17.6
1.0
20.5
ns
15
Delay Time
11.6
21.1
1.0
24.0
50
E to Zn
3.3
± 0.3
7.2
11.5
1.0
13.5
15
9.7
15.0
1.0
17.0
50
tOSHL
Output to Output
2.7
1.5
1.5
ns
50
tOSLH
Skew (Note 4)
3.3
1.5
1.5
Symbol
Parameter
TA = +25°C
TA = −40°C to +85°C
Units
Min
Typ
Max
Min
Max
CIN
Input Capacitance
4
10
10
pF
CPD
Power Dissipation Capacitance (Note 5)
20
pF


Similar Part No. - 74LVX157MTC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVX157MTR STMICROELECTRONICS-74LVX157MTR Datasheet
197Kb / 9P
   LOW VOLTAGE QUAD 2 CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS
74LVX157MTR STMICROELECTRONICS-74LVX157MTR Datasheet
269Kb / 12P
   LOW VOLTAGE QUAD 2 CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS
More results

Similar Description - 74LVX157MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX257MTCX FAIRCHILD-74LCX257MTCX Datasheet
103Kb / 9P
   Low Voltage Quad 2-Input Multiplexer Low Voltage Quad 2-Input Multiplexer
logo
ON Semiconductor
74LCX257 ONSEMI-74LCX257 Datasheet
207Kb / 11P
   Low Voltage Quad 2-Input Multiplexer
Revised September 2000
logo
Fairchild Semiconductor
74LVQ157 FAIRCHILD-74LVQ157 Datasheet
79Kb / 6P
   Low Voltage Quad 2-Input Multiplexer
74LVQ157 FAIRCHILD-74LVQ157_01 Datasheet
66Kb / 6P
   Low Voltage Quad 2-Input Multiplexer
logo
ON Semiconductor
74LCX157 ONSEMI-74LCX157 Datasheet
342Kb / 12P
   Low Voltage Quad 2-Input Multiplexer
April 2015 Rev. 1.3
logo
Motorola, Inc
MC74LCX157 MOTOROLA-MC74LCX157 Datasheet
145Kb / 8P
   LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
MC74LCX158 MOTOROLA-MC74LCX158 Datasheet
115Kb / 4P
   LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
logo
ON Semiconductor
MC74LCX158 ONSEMI-MC74LCX158_12 Datasheet
159Kb / 8P
   Low-Voltage CMOS Quad 2-Input Multiplexer
October, 2012 ??Rev. 7
MC74LCX157 ONSEMI-MC74LCX157 Datasheet
145Kb / 8P
   LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
1997 REV 1
MC74LCX257 ONSEMI-MC74LCX257 Datasheet
155Kb / 8P
   LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
1996 REV 0.2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com