Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTL9503 Datasheet(PDF) 4 Page - DinTek Semiconductor Co,.Ltd

Part # DTL9503
Description  P-Channel 30 V (D-S) MOSFET Compliant to RoHS Directive 2002/95/EC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTL9503 Datasheet(HTML) 4 Page - DinTek Semiconductor Co,.Ltd

  DTL9503_13 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTL9503_13 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTL9503_13 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTL9503_13 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTL9503_13 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTL9503_13 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTL9503_13 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
On-Resistance vs. Junction Temperature
Avalanche Current vs. Time
0
0.3
0.6
0.9
1.2
1.5
1.8
- 50
- 25
0
25
50
75
100
125
150
175
TJ - Junction Temperature (°C)
VGS = 10 V
ID = 30 A
tin (s)
1000
10
0.00001
0.001
0.1
1
100
0.01
0.0001
IAV (A) at TA = 25 °C
IAV (A) at TA = 150 °C
1
0.1
Source-Drain Diode Forward Voltage
Drain Source Breakdown
vs. Junction Temperature
0
0.2
0.4
0.6
0.8
1.0
VSD - Source-to-Drain Voltage (V)
100
10
1
TJ = 25 °C
TJ = 150 °C
25
30
35
40
45
- 50
- 25
0
25
50
75
100
125
150
175
TJ - Junction Temperature (°C)
ID = 250 µA
www.din-tek.jp
DTL9503


Similar Part No. - DTL9503_13

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTL9503 DINTEK-DTL9503 Datasheet
210Kb / 7P
   P-Channel 30 V (D-S) MOSFET
More results

Similar Description - DTL9503_13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-MBR1045PBF VISHAY-VS-MBR1045PBF Datasheet
154Kb / 7P
   Compliant to RoHS Directive 2002/95/EC
Revision: 29-Aug-11
VS-30EPH06PBF VISHAY-VS-30EPH06PBF Datasheet
160Kb / 8P
   Compliant to RoHS Directive 2002/95/EC
Revision: 12-Aug-11
SIZ700DT VISHAY-SIZ700DT Datasheet
133Kb / 12P
   N-Channel 20-V (D-S) MOSFETs Compliant to RoHS Directive 2002/95/EC
Rev. A, 06-Apr-09
logo
Lineage Power Corporati...
JNC350R41TZ LINEAGEPOWER-JNC350R41TZ Datasheet
707Kb / 16P
   Compliant to RoHS EU Directive 2002/95/EC (-Zversions)
logo
Vishay Siliconix
SIHP12N50C VISHAY-SIHP12N50C Datasheet
153Kb / 8P
   100 % Avalanche Tested Compliant to RoHS Directive 2002/95/EC
Rev. B, 26-Apr-10
logo
E-SWITCH
B400006 E-SWITCH-B400006 Datasheet
121Kb / 1P
   2002/95/EC (RoHS) COMPLIANT.
B400012 E-SWITCH-B400012 Datasheet
80Kb / 1P
   2002/95/EC (RoHS) COMPLIANT.
B400014 E-SWITCH-B400014 Datasheet
193Kb / 1P
   2002/95/EC (RoHS) COMPLIANT.
B400005 E-SWITCH-B400005 Datasheet
108Kb / 1P
   2002/95/EC (RoHS) COMPLIANT.
logo
Vishay Siliconix
SIHP16N50C VISHAY-SIHP16N50C Datasheet
155Kb / 8P
   Gate Charge Improved Compliant to RoHS Directive 2002/95/EC
Rev. A, 12-Apr-10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com