Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE370C742A Datasheet(PDF) 11 Page - Texas Instruments

Part # SE370C742A
Description  8-BIT MICROCONTROLLER
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SE370C742A Datasheet(HTML) 11 Page - Texas Instruments

Back Button SE370C742A Datasheet HTML 7Page - Texas Instruments SE370C742A Datasheet HTML 8Page - Texas Instruments SE370C742A Datasheet HTML 9Page - Texas Instruments SE370C742A Datasheet HTML 10Page - Texas Instruments SE370C742A Datasheet HTML 11Page - Texas Instruments SE370C742A Datasheet HTML 12Page - Texas Instruments SE370C742A Datasheet HTML 13Page - Texas Instruments SE370C742A Datasheet HTML 14Page - Texas Instruments SE370C742A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 69 page
background image
TMS370Cx4x
8-BIT MICROCONTROLLER
SPNS016C -- NOVEMBER 1992 -- REVISED FEBRUARY 1997
11
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
program EPROM
The TMS370C742A device contains 8K bytes of EPROM mapped, beginning at location 6000h and continuing
through location 7FFFh. Memory addresses 7FE0h through 7FEBh are reserved for Texas Instruments (TI),
and memory addresses 7FECh through 7FFFh are reserved for interrupt and reset vectors. Trap vectors, used
with TRAP0 through TRAP15 instructions, are located between addresses 7FC0h and 7FDFh. Reading the
program EPROM modules is identical to reading other internal memory. During programming, the EPROM is
controlled by the EPROM control register (EPCTL). The program EPROM module features include:
D
Programming
--
In-circuit programming capability if VPP is applied to MC
--
Control register: EPROM programming is controlled by the EPROM control register (EPCTL) located in
the peripheral file (PF) frame at location P01C as shown in Table 5.
D
Write protection: writes to the program EPROM are disabled under the following conditions:
--
Reset: All programming to the EPROM module is halted.
--
Low-power modes
--
13 V not applied to MC
program ROM
The program ROM consists of 4K or 8K bytes of mask-programmable read-only memory. The program ROM
is used for permanent storage of data or instructions. Memory addresses 7FE0h through 7FEBh are reserved
for TI, and memory addresses 7FECh through 7FFFh are reserved for interrupt and reset vectors. Trap vectors,
used with TRAP0 through TRAP15 instructions, are located between addresses 7FC0h and 7FDFh.
Programming of the mask ROM is performed at the time of device fabrication.
system reset
The system-reset operation ensures an orderly start-up sequence for the TMS370Cx4x CPU-based device.
There are up to three different actions that can cause a system reset to the device. Two of these actions are
generated internally, while one (RESET pin) is controlled externally. These actions are as follows:
D
Watchdog (WD) timer. A watchdog-generated reset occurs if an improper value is written to the WD key
register, or if the re-initialization does not occur before the watchdog timer timeout . See the TMS370 Family
User’s Guide (literature number SPNU127) for more information.
D
Oscillator reset. Reset occurs when the oscillator operates outside of the recommended operating range.
See the TMS370 Family User’s Guide (literature number SPNU127) for more information.
D
External RESET pin. A low level signal can trigger an external reset. To ensure a reset, the external signal
should be held low for one SYSCLK cycle. Signals of less than one SYSCLK can generate a reset. See the
TMS370 Family User’s Guide (literature number SPNU127) for more information.
Once a reset source is activated, the external RESET pin is driven (active) low for a minimum of eight SYSCLK
cycles. This allows the ’x4x device to reset external system components. Additionally, if a cold start (VCC is off
for several hundred milliseconds) condition or oscillator failure occurs or the RESET pin is held low, then the
reset logic holds the device in a reset state for as long as these actions are active.
After a reset, the program can check the oscillator-fault flag (OSC FLT FLAG, SCCR0.4), the cold-start flag
(COLD START, SCCR0.7) and the watchdog reset (WD OVRFL INT FLAG, T1CTL2.5) to determine the source
of the reset. A reset does not clear these flags. Table 6 lists the reset sources.
TI is a trademark of Texas Instruments Incorporated.


Similar Part No. - SE370C742A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SE370C742A TI-SE370C742A Datasheet
966Kb / 66P
[Old version datasheet]   8-BIT MICROCONTROLLER
SE370C742AFZT TI-SE370C742AFZT Datasheet
860Kb / 69P
[Old version datasheet]   CMOS EEPROM/EPROM Technologies on a Single Device
SE370C742AFZT TI1-SE370C742AFZT Datasheet
899Kb / 69P
[Old version datasheet]   8-BIT MICROCONTROLLER
SE370C742AJCT TI-SE370C742AJCT Datasheet
860Kb / 69P
[Old version datasheet]   CMOS EEPROM/EPROM Technologies on a Single Device
SE370C742AJCT TI1-SE370C742AJCT Datasheet
899Kb / 69P
[Old version datasheet]   8-BIT MICROCONTROLLER
More results

Similar Description - SE370C742A

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com