Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4247A Datasheet(PDF) 2 Page - Texas Instruments

Part # PT4247A
Description  10W Output Power, Short-Circuit Protection, Output Current Limit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4247A Datasheet(HTML) 2 Page - Texas Instruments

  PT4247A Datasheet HTML 1Page - Texas Instruments PT4247A Datasheet HTML 2Page - Texas Instruments PT4247A Datasheet HTML 3Page - Texas Instruments PT4247A Datasheet HTML 4Page - Texas Instruments PT4247A Datasheet HTML 5Page - Texas Instruments PT4247A Datasheet HTML 6Page - Texas Instruments PT4247A Datasheet HTML 7Page - Texas Instruments PT4247A Datasheet HTML 8Page - Texas Instruments PT4247A Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT4240 Series
10-W Low-Profile 24V-Input
Isolated DC/DC Converter
Specifications (Unless otherwise stated, Ta =25°C, Vin =24V, Cin =0µF, Cout =0µF, and Io =Iomax)
PT4240 SERIES
Characteristic
Symbol
Conditions
Min
Typ
Max
Units
Output Current
Io
Over Vin range
Vo ≤ 3.3V
0.1 (1)
—3
Vo =5.0V
0.1 (1)
—2
Vo = 12V
0.1 (1)
0.85
Input Voltage Range
Vin
Over Io Range
18.0
24.0
36.0
VDC
Set Point Voltage Tolerance
Vo tol
±1±2%Vo
Temperature Variation
Regtemp
–40°
≤Ta ≤ +85°C, Io =Iomin
±0.2
%Vo
Line Regulation
Regline
Over Vin range
±1
mV
Load Regulation
Regload
Over Io range
±5
mV
Total Output Voltage Variation
∆Votot
Includes set-point, line, load,
±1.5
±3
%Vo
–40°
≤Ta ≤ +85°C
Efficiency
η
Vo = 12V
86
Vo = 5.0V
84
Vo = 3.3V
80
Vo = 2.5V
77
%
Vo = 1.8V
72
Vo = 1.5V
70
Vo = 1.3V
64
Vo Ripple (pk-pk)
Vr
20MHz bandwidth
Vo ≤ 5.0V
50
mVpp
Vo = 12V
100
Transient Response
ttr
1A/µs load step, 50% to 100% Iomax
75
µs
∆Vtr
Vo over/undershoot
Vo ≤ 5.0V
±150
mV
Vo = 12V
±350
Output Voltage Adjust
Vadj
Vo ≥2.5V
±10
%Vo
Current Limit Threshold
Ilim
Vin =18V, ∆Vo = –1%
150
%Iomax
Switching Frequency
ƒs
Over Vin range
250
300
350
kHz
Under-Voltage Lockout
UVLO
16
V
Remote On/Off (Pin 1)
Referenced to –Vin (pin 3)
Input High Voltage
VIH
4.5
Open (3)
V
Input Low Voltage
VIL
–0.2
+0.8
Input Low Current
IIL
–0.5
mA
Standby Input Current
Iin standby
pins 1 & 3 connected
1
mA
Internal Input Capacitance
Cin
0.66
µF
External Output Capacitance
Cout
Vo ≤5.0V
0 (5)
1000
µF
Vo = 12V
0 (5)
330
Isolation Voltage
Input–output/input–case
1500
V
Capacitance
Input to output
1,100
pF
Resistance
Input to output
10
M
Operating Temperature Range
Ta
Over Vin range
-40
+85 (4)
°C
Storage Temperature
Ts
-40
+125
°C
Reliability
MTBF
Per Bellcore TR-332
4.7
106 Hrs
50% stress, Ta =40°C, ground benign
Mechanical Shock
Per Mil-Std-883D, method 2002.3,
500
G’s
1mS, half-sine, mounted to a fixture
Mechanical Vibration
Mil-Std-883D, Method 2007.2
20 (6)
—G’s
20-2000Hz, all case styles soldered to PC
Weight
20
grams
Flammability
Materials meet UL 94V-0
Notes:
(1) The DC/DC converter will operate at no load with reduced specifications.
(2) The maximum output current reduces the output power of the following devices to less than 10W:-
PT4245 =7.5W; PT4241 =5.4W; PT4246 =4.5W; PT4247 =3.9W.
(3) The Remote On/Off (pin 1) has an internal pull-up, and if it is left open circuit the converter will operate when input power is applied. The open-circuit
voltage is typically 5V. Refer to the application notes for interface considerations.
(4) See Safe Operating Area curves or contact the factory for the appropriate derating.
(5) An output capacitor is not required for proper operation.
(6) The case pins on through-hole pin configurations (N & A) must be soldered. For more information see the applicable package outline drawing.
Not Recommended For New Designs


Similar Part No. - PT4247A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4247 TI-PT4247 Datasheet
174Kb / 7P
[Old version datasheet]   10-W Low-Profile 24V-Input Isolated DC/DC Converter
More results

Similar Description - PT4247A

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQME-28E-T SYNQOR-MQME-28E-T Datasheet
6Mb / 17P
   Output current limit for short-circuit protection
PQ60033SMX15 SYNQOR-PQ60033SMX15 Datasheet
909Kb / 15P
   Output current limit and short circuit protection
SQ60120EPB25 SYNQOR-SQ60120EPB25 Datasheet
2Mb / 14P
   Output current limit and short circuit protection
SQ60120ETA17 SYNQOR-SQ60120ETA17 Datasheet
2Mb / 14P
   Output current limit and short circuit protection
PQ60150SMX03 SYNQOR-PQ60150SMX03 Datasheet
904Kb / 15P
   Output current limit and short circuit protection
logo
Delta Electronics, Inc.
IPM24S0C0 DELTA-IPM24S0C0 Datasheet
690Kb / 12P
   Output short circuit protection
IPM12C0A0R DELTA-IPM12C0A0R Datasheet
769Kb / 15P
   Output short circuit protection
IPM DELTA-IPM Datasheet
746Kb / 15P
   Output short circuit protection
logo
STMicroelectronics
STEVAL-ISA013V1 STMICROELECTRONICS-STEVAL-ISA013V1 Datasheet
105Kb / 5P
   Output short circuit protection
July 2007 Rev 1
logo
Texas Instruments
PT5071-12V TI1-PT5071-12V Datasheet
150Kb / 4P
[Old version datasheet]   Output Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com