Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75179BDRG4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN75179BDRG4
Description  Bus Voltage Range?? V to 12 V, Driver Thermal-Shutdown Protection, Low Power Requirements
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75179BDRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN75179BDRG4 Datasheet HTML 5Page - Texas Instruments SN75179BDRG4 Datasheet HTML 6Page - Texas Instruments SN75179BDRG4 Datasheet HTML 7Page - Texas Instruments SN75179BDRG4 Datasheet HTML 8Page - Texas Instruments SN75179BDRG4 Datasheet HTML 9Page - Texas Instruments SN75179BDRG4 Datasheet HTML 10Page - Texas Instruments SN75179BDRG4 Datasheet HTML 11Page - Texas Instruments SN75179BDRG4 Datasheet HTML 12Page - Texas Instruments SN75179BDRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SN75179BD
ACTIVE
SOIC
D
8
75
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN75179BDE4
ACTIVE
SOIC
D
8
75
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN75179BDG4
ACTIVE
SOIC
D
8
75
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN75179BDR
ACTIVE
SOIC
D
8
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN75179BDRE4
ACTIVE
SOIC
D
8
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN75179BDRG4
ACTIVE
SOIC
D
8
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN75179BP
ACTIVE
PDIP
P
8
50
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
SN75179BPE4
ACTIVE
PDIP
P
8
50
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
SN75179BPSR
ACTIVE
SO
PS
8
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN75179BPSRE4
ACTIVE
SO
PS
8
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN75179BPSRG4
ACTIVE
SO
PS
8
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
PACKAGE OPTION ADDENDUM
www.ti.com
4-Jun-2007
Addendum-Page 1


Similar Part No. - SN75179BDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75179BD TI-SN75179BD Datasheet
140Kb / 9P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
More results

Similar Description - SN75179BDRG4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA378R12C FAIRCHILD-KA378R12C_05 Datasheet
57Kb / 8P
   Low Dropout Voltage Regulator Overcurrent Protection, Thermal Shutdown
logo
Unisonic Technologies
LR1198G-AE5-X-R UTC-LR1198G-AE5-X-R Datasheet
170Kb / 4P
   Thermal Shutdown Protection
logo
STMicroelectronics
A21SP16 STMICROELECTRONICS-A21SP16 Datasheet
862Kb / 37P
   Thermal shutdown protection
March 2014 Rev 1
logo
Skyworks Solutions Inc.
AAT4685 SKYWORKS-AAT4685 Datasheet
1Mb / 17P
   thermal shutdown protection
logo
Dialog Semiconductor
SLG59M1735C DIALOG-SLG59M1735C Datasheet
542Kb / 16P
   Thermal Shutdown Protection
logo
Unisonic Technologies
UD05021G-AF5-R UTC-UD05021G-AF5-R Datasheet
370Kb / 7P
   Thermal Shutdown Protection
logo
Dialog Semiconductor
SLG59M1714V DIALOG-SLG59M1714V Datasheet
358Kb / 18P
   Thermal Shutdown Protection
logo
Maxim Integrated Produc...
MAX15041EVKIT MAXIM-MAX15041EVKIT Datasheet
1Mb / 6P
   Overcurrent and Thermal-Shutdown Protection
Rev 0; 9/09
logo
STMicroelectronics
VN800PS-E STMICROELECTRONICS-VN800PS-E Datasheet
305Kb / 27P
   Thermal shutdown protection and diagnosis
logo
Texas Instruments
TLV705 TI1-TLV705_16 Datasheet
1Mb / 33P
[Old version datasheet]   Thermal Shutdown and Overcurrent Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com